PART |
Description |
Maker |
NTE2945 |
SM DIO/SMBJ12A SMB UNI-DIR MOSFET的N沟道,增强模式高速开 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc.
|
STE26NA90 6245 -STE26NA90 |
N-Channel 900V-0.25惟-26A-ISOTOP Fast Power MOSFET(N娌??蹇?????MOSFET) From old datasheet system N - CHANNEL 900V - 0.25ohm- 26A - ISOTOP FAST POWER MOSFET N - CHANNEL 900V - 0.25 Ohm - 26A - ISOTOP FAST POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
STU7NA80 5968 |
N - CHANNEL 800V - 1.3 Ohm - 6.5A - Max220 FAST POWER MOSFET N - CHANNEL 800V - 1.3 - 6.5A - Max220 FAST POWER MOSFET From old datasheet system N - CHANNEL 800V - 1.3ohm - 6.5A - Max220 FAST POWER MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB11NM60FD STB11NM60FD-1 STB11NM60FDT4 STP11NM60F |
11 A, 600 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL 600V - 0.40ohm - 11A TO-220 / TO-220FP/I2PAK FDmeshPower MOSFET with FAST DIODE N沟道600V 0.40ohm - 11A 220 / TO-220FP/I2PAK FDmesh?功率MOSFET,快速二极管 N-CHANNEL 600V - 0.40 OHM - 11A TO-220/TO-220FP/I2PAK/D2PAK FDMESH MOSFET (WITH FAST DIODE)
|
STMicroelectronics N.V. ST Microelectronics
|
STB7NA40 4234 STB7NA40-1 STB7NA40T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 6.5A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 6.5A I(D) | TO-262VAR N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR From old datasheet system
|
STMicroelectronics
|
2950064 |
EMG 22-DIO 7P
|
PHOENIX CONTACT
|
2950048 |
EMG 22-DIO 4E
|
PHOENIX CONTACT
|
IXTH500N04T2 IXTT500N04T2 |
500 A, 40 V, 0.0016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
|
IXYS CORP IXYS Corporation
|
STD12NM50ND STB12NM50ND |
N-channel 500 V, 0.29 楼?, 11 A, FDmesh垄芒 II Power MOSFET (with fast diode), D2PAK, DPAK N-channel 500 V, 0.29 Ω, 11 A, FDmesh?/a> II Power MOSFET (with fast diode), D2PAK, DPAK
|
STMicroelectronics
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
STW30NM60D |
N-CHANNEL 600V - 0.125 OHM - 30A TO-247 FAST DIODE MDMESH MOSFET N-CHANNEL 600V - 0.125 - 30A TO-247 Fast Diode MDmesh MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|