PART |
Description |
Maker |
FDS887607 FDS8876 |
N-Channel PowerTrench? MOSFET 30V, 12.5A, 8.2mΩ N-Channel PowerTrench庐 MOSFET 30V, 12.5A, 8.2m惟 N-Channel PowerTrench㈢ MOSFET 30V, 12.5A, 8.2mヘ
|
Fairchild Semiconductor
|
FDN372S |
30V N-Channel PowerTrenchSyncFET 2600 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench SyncFET
|
Fairchild Semiconductor, Corp.
|
FDD6690S |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 40A I(D) | TO-252AA 30V N-Channel PowerTrench SyncFET TM
|
Fairchild Semiconductor
|
FDMS867408 FDMS8674 |
N-Channel PowerTrench垄莽 MOSFET 30V, 21A, 5.0m楼? N-Channel PowerTrench庐 MOSFET 30V, 21A, 5.0m惟 N-Channel PowerTrench? MOSFET 30V, 21A, 5.0mΩ
|
Fairchild Semiconductor
|
FDS6688AS |
30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrench垄莽 SyncFET垄芒
|
Fairchild Semiconductor
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
STS4DPFS30L |
P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFETMOSFET PLUS SCHOTTKY RECTIFIER P通道30V 0.07ohm -ASO - 8 MOSFET的普乐士STripFET⑩肖特基整流 P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET⑩ MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 30V 0.07 OHM 4A SO-8 STRIPFET MOSFET PLUS SCHOTTKY RECTIFIER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDMS9620S |
Dual N-Channel PowerTrenchMOSFET Q1: 30V, 16A, 21.5mQ2: 30V, 18A, 13m
|
Fairchild Semiconductor Corporation
|
FDS8333C |
30V N & P-Channel PowerTrench MOSFETs 4.1 A, 30 V, 0.08 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET 30V N & P-Channel PowerTrench MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDS4435BZ07 FDS4435BZ |
P-Channel PowerTrench? MOSFET -30V, -8.8A, 20mΩ P-Channel PowerTrench㈢ MOSFET -30V, -8.8A, 20mヘ
|
Fairchild Semiconductor
|
|