PART |
Description |
Maker |
NTF6P02T3 NTF6P02T3-D NTF6P02T3G NTF6P02T3/D |
Receptacle With A Wire Wrap Tail NTF6P02T3 Power MOSFET -6.0 Amps, -20 Volts P?Channel SOT23(-6.0A,-20V,P通道,SOT-23封装的功率MOSFET) 10 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET -6.0 Amps, -20 Volts P??annel SOT?23 Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223 20V P-ch HD3e SOT223
|
ONSEMI ON Semiconductor
|
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
NTMD3P03R2-D NTMD3P03R2 NTMD3P03R2/D |
Power MOSFET -3.05 Amps-30 Volts Power MOSFET -3.05 Amps, -30 Volts Dual P?Channel SO(-3.05 A, -30 V,双P通道,SO-8封装的功率MOSFET) Power MOSFET -3.05 Amps, -30 Volts Dual P-Channel SO-8
|
ON Semiconductor
|
MMDF3N03HDR2 MMDF3N03HD MMDF3N03HD-D |
Power MOSFET 3 Amps, 30 Volts 4.1 A, 30 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 3 Amps, 30 Volts N-Channel SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
NTMD2C02R2 |
Power MOSFET 2 Amps / 20 Volts Power MOSFET 2 Amps, 20 Volts, Complimentary SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
NTD18N06LT4G NTD18N06 NTD18N06L NTD18N06L-1 NTD18N |
Power MOSFET 18 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 18 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTD85N02RT4G NTD85N02R NTD85N02R-001 NTD85N02R-1G |
Power MOSFET 85 Amps, 24 Volts N-Channel DPAK 85 A, 24 V, 0.0052 ohm, N-CHANNEL, Si, POWER, MOSFET Power Mosfet 85 A, 24 V, N-Channel DPAK Power MOSFET 85 Amps / 24 Volts N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
MTY20N50E |
N?Channel Power MOSFET Power MOSFET 20 Amps, 500 Volts
|
ON Semiconductor
|
FDS6679_05 FDS6679 FDS667905 FDS6679NL |
30 Volt P-Channel PowerTrench MOSFET 13000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30 Volt P-Channel PowerTrench? MOSFET 30 Volt P-Channel PowerTrench㈢ MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NTP75N03RG NTB75N03R NTB75N03RG |
Power MOSFET 75 A, 25V N-Channel, TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 75 A, 25 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 75 Amps, 25 Volts N?Channel D2PAK, TO?20
|
ON Semiconductor
|
J60030-2P J60030-3S J60030-1PR J60030-2PR J60030-2 |
Class J Fuseblocks 600 Volt, ú 600 Amps Class J Fuseblocks 600 Volt, ú-600 Amps Fuse 0.5 TO 30A 600V CLASS J
|
Cooper Bussmann, Inc.
|
MTP1306 |
N?Channel Power MOSFET Power MOSFET 75 Amps, 30 Volts
|
ON Semiconductor
|
|