PART |
Description |
Maker |
CY7C178-10NC CY7C178-12JC CY7C178-8NC CY7C178 CY7C |
16-Bit Level Shifting Transceiver 32K x 18 Synchronous Cache RAM 32K X 18 CACHE SRAM, 10 ns, PQCC52 32K x 18 Synchronous Cache RAM 32K的18同步高速缓存内 32K x 18 Synchronous Cache RAM 32K X 18 CACHE SRAM, 8.5 ns, PQFP52 IC DRVR UNIV 20BIT 3ST 56-TSSOP 18-Bit Universal Bus Driver, LE/
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
HN27C256G HN27C256G-17 HN27C256G-25 HN27C256G-20 |
256K (32K x 8-bit) UV EPROM, 200ns 256K (32K x 8-bit) UV EPROM, 250ns 32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM 256K (32K x 8-bit) UV EPROM, 170ns
|
Hitachi Semiconductor
|
MX27C256 MX27C256PC-10 MX27C256PC-12 MX27C256PC-15 |
256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 55 ns, PDSO28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 70 ns, PQCC32 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 70 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 100 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 120 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 150 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 90 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 55 ns, PDIP28
|
PROM Macronix International Co., Ltd.
|
ZGP323HEP2032C ZGP323HSP4032C ZGP323HEH4832C ZGP32 |
IC Z8 GP MCU 32K OTP 20DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP20 IC Z8 GP MCU 32K OTP 40DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP40 IC Z8 GP MCU 32K OTP 48SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO48 IC Z8 GP MCU 32K OTP 28SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 32K OTP 28SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28
|
ZiLOG, Inc.
|
X28HC256P-12 X28HC256P-15 X28HC256J-90 X28HC256S-1 |
5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 150 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 120 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CQCC32 SWITCH SLIDE 2MM HORIZONTAL SMD 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDIP28 RACK DESK SOLID BLACK 1.75X19X8,1 32K X 8 EEPROM 5V, 70 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CPGA28 Continuity Tester RoHS Compliant: NA 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDFP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CQCC32 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 12.5x25 mm; Packaging: Bulk
|
Intersil, Corp. Intersil Corporation
|
IDT71V256S IDT71V256SA15TP IDT71V256SA15PZI IDT71V |
LOW POWER 3.3V CMOS FAST SRAM 256K (32K x 8-BIT) 32K X 8 CACHE SRAM, 12 ns, PDSO28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
28C256TRPFB-15 28C256TRT4FB-15 28C256TRT4FB-12 28C |
256K EEPROM (32K x 8-Bit) EEPROM 32K X 8 EEPROM 5V, 120 ns, DFP28 256K EEPROM (32K x 8-Bit) EEPROM 32K X 8 EEPROM 5V, 150 ns, DFP28 256K EEPROM (32K x 8-Bit) EEPROM 32K X 8 EEPROM 5V, 150 ns, DIP28 256K EEPROM (32K x 8-Bit) EEPROM 32K X 8 EEPROM 5V, 120 ns, DIP28
|
Maxwell Technologies, Inc
|
CAT24WC32XE-1.8TE13D CAT24WC64GWATE13B CAT24WC32PE |
32K/64K-Bit I2C Serial CMOS EEPROM 32K/64K-Bit I2C串行CMOS EEPROM
|
TE Connectivity, Ltd. Glenair, Inc. Austin Semiconductor, Inc Micron Technology, Inc. M.S. Kennedy, Corp. AND Displays / Purdy Electronics
|
GM76U256C GM76U256CE GM76U256CL GM76U256CLE GM76U2 |
x8 SRAM 32K X 8 STANDARD SRAM, 120 ns, PDSO28 x8 SRAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 32K x8 bit 3.0V Low Power CMOS slow SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
AL5DS9069V AL5DS9159V AL5DS9199V AL5DS9169V AL5DS9 |
3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit 3.3V的同步双端口SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
|
AverLogic Technologies, Inc. AverLogic Technologies, Corp.
|
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
AS7C25512NTF32_36A AS7C25512NTF36A-10TQC AS7C25512 |
2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 7.5 ns, PQFP100 2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 51Vz 5mA-Izt 0.05 5uA-Ir 38.8Vr DO41-GLASS 5K/AMMO DIODE, ZENER, 24V, 5%, 1W& DIODE ZENER SINGLE 1000mW 33Vz 7.5mA-Izt 0.05 5uA-Ir 25.1Vr DO41-GLASS 5K/REEL NTD? Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
|