PART |
Description |
Maker |
CY7C1347F-166AC CY7C1347F-166AI CY7C1347F-166BGC C |
4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 4 ns, PBGA165 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 3.5 ns, PBGA119 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 3.5 ns, PQFP100 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 2.8 ns, PBGA119 4-Mbit (128K x 36) Pipelined Sync SRAM 4兆位28K的36)流水线同步静态存储器
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
TC55V4376FF-83 |
128K Word x 36 Bit Synchronous Pipelined Burst Static RAM(128K 瀛?36浣??姝ョ?????查???RAM)
|
Toshiba Corporation
|
IDT709199L12PF IDT709199L12PFI IDT709199L7PF IDT70 |
From old datasheet system HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 128K x 9, Sync, Dual-Port RAM, PipeLined/FLow-Through
|
IDT[Integrated Device Technology]
|
MCM69P736 MCM69P736ZP4 MCM69P736ZP4R |
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
|
MOTOROLA[Motorola, Inc]
|
IS64LPS12832A IS64LPS12836A IS64LPS25618A-200TQA3 |
128K X 32, 128K X 36, 256K X 18 4 MB SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
MCM63P736ZP100 MCM63P736ZP100R MCM63P818ZP100 MCM6 |
128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
|
MOTOROLA[Motorola, Inc]
|
IC61SP12836 IC61SP12832 IC61SP12832-166B IC61SP128 |
100MHz; 3.3V; 128K x 36 synchronous pipelined static RAM SYNCHRONOUS STATIC RAM 128K x 32 Pipelined SyncBurst SRAM
|
ICSI[Integrated Circuit Solution Inc]
|
A63G7332 A63G7332E-42 A63G7332E-45 A63G7332E-5 A63 |
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 128K的32位同步高的Burst计数器和流水线数据输出高速SRAM 4.2ns 128K x 32bit synchronous high speed SRAM 4.2ns; 128K x 32bit synchronous high speed SRAM with burst counter and pipelined data output 4.5ns 128K x 32bit synchronous high speed SRAM 4.5ns; 128K x 32bit synchronous high speed SRAM with burst counter and pipelined data output
|
AMIC Technology, Corp. AMIC Technology Corporation
|
CY7C1347B 7C1347B |
128K x 36 Synchronous-Pipelined Cache RAM(128K x 36同步流水线式高速缓冲存储器 RAM) From old datasheet system
|
Cypress Semiconductor Corp.
|
A63L7336E-4.2F A63L7336 A63L7336E A63L7336E-2.6 A6 |
128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 128K的米6位同步高的Burst计数器和流水线数据输出高速SRAM DIODE ZENER SINGLE 500mW 6Vz 20mA-Izt 0.05 5uA-Ir 3.5Vr DO35-GLASS 5K/AMMO
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
CY7C1326F-100AC |
2-Mb (128K x 18) Pipelined Sync SRAM
|
Cypress Semiconductor
|