PART |
Description |
Maker |
MCM63F737KZP8.5 MCM63F819KZP8.5 MCM63F737KZP8.5R M |
128K x 36 and 256K x 18 Bit Flow??hrough BurstRAM Synchronous Fast Static RAM 128K x 36 and 256K x 18 Bit Flow?Through BurstRAM Synchronous Fast Static RAM
|
Motorola, Inc
|
IDT71V2577YS75BQI IDT71V2577YS75BGI IDT71V2579S85B |
128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K X 36 CACHE SRAM, 8 ns, PQFP100 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K的x 36256亩18 3.3同步SRAM.5VI / O的流量通过输出脉冲计数器,单周期取 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K X 36 CACHE SRAM, 8.5 ns, PQFP100 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K X 36 CACHE SRAM, 7.5 ns, PQFP100 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K X 36 CACHE SRAM, 7.5 ns, PBGA119 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 256K X 18 CACHE SRAM, 7.5 ns, PBGA119 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 256K X 18 CACHE SRAM, 8 ns, PBGA165
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
CY7C1345 7C1345 |
128K x 36 Synchronous Flow-Through 3.3V Cache RAM(3.3V 128K x 36 同步流通式高速缓冲RAM) 128K的36同步流动,通过3.3V的高速缓存内存(3.3 128K的36同步流通式高速缓冲内存) From old datasheet system
|
Cypress Semiconductor Corp.
|
CY7C1345G CY7C1345G-133BGXI CY7C1345G-100AXC CY7C1 |
4-Mbit (128K x 36) Flow-Through Sync SRAM 128K X 36 CACHE SRAM, 6.5 ns, PBGA119 4-Mbit (128K x 36) Flow-Through Sync SRAM 128K X 36 CACHE SRAM, 8 ns, PQFP100
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C1338G-133BGXI CY7C1338G CY7C1338G-100AXC CY7C1 |
4-Mbit (128K x 32) Flow-Through Sync SRAM 128K X 32 CACHE SRAM, 8 ns, PQFP100
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C1483V33-100BGC CY7C1483V33-117BGC CY7C1483V33- |
IC, SDRAM, 64M BIT, 512KX4X32 BIT,3.3V,10NS,100MHZ,TSOP-86 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 CACHE SRAM, 6.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 7.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PBGA165 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 6.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 2M X 36 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 5.5 ns, PBGA209
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IS61NVF12836A-6.5B2 IS61NVF12836A-6.5B2I IS61NLF25 |
128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM 128K X 36 ZBT SRAM, 6.5 ns, PBGA119 128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 7.5 ns, PBGA165 128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 6.5 ns, PQFP100 128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM 128K X 36 ZBT SRAM, 7.5 ns, PBGA119 128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 7.5 ns, PQFP100 128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM 128K X 36 ZBT SRAM, 7.5 ns, PQFP100
|
Integrated Silicon Solution, Inc.
|
IDT71V547S100PF IDT71V547S100PFI IDT71V547S80PF ID |
From old datasheet system 128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs 3.3V 128Kx36 ZBT Synchronous Flow-Through SRAM
|
IDT[Integrated Device Technology]
|
CY7C1345F-66BGC CY7C1345F-66BGI CY7C1345F CY7C1345 |
4-Mb (128K x 36) Flow-Through Sync SRAM
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
HT23C010 23C010 |
From old datasheet system CMOS 128K x 8-Bit Mask ROM(CMOS 128K x 8位掩模式ROM) 的CMOS 128K的8位掩模ROM28K的的CMOS × 8位掩模式光盘 CMOS 128K 8-Bit Mask ROM CMOS 128K? 8-Bit Mask ROM CMOS 128K′ 8-Bit Mask ROM
|
Holtek Semiconductor, Inc. HOLTEK[Holtek Semiconductor Inc]
|
CY7C1324H-133AXC CY7C1324H-133AXI |
2-Mbit (128K x 18) Flow-Through Sync SRAM
|
Cypress Semiconductor
|
|