PART |
Description |
Maker |
HGTP15N40C1 HGTP15N40E1 HGTP15N50C1 HGTP15N50E1 HG |
15A, 20A, 400V and 500V N-Channel IGBTs 15 A, 500 V, N-CHANNEL IGBT, TO-220AB 15A 20A 400V and 500V N-Channel IGBTs 15A/ 20A/ 400V and 500V N-Channel IGBTs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL9G1260EP3 ISL9G1260ES3 |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 20A I(C) | TO-220AB TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 20A I(C) | TO-263AB 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展|甲一(c)|63AB
|
Hynix Semiconductor, Inc.
|
IRFP460A IRFP460APBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V Rds(on)max=0.27ohm Id=20A) Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)最大值\u003d 0.27ohm,身份证\u003d 20A条)
|
IXYS Corporation IRF[International Rectifier] International Rectifier, Corp.
|
FDPF20N50 FDP20N50 |
N-Channel UniFETTM MOSFET 500V, 20A, 230m N-Channel UniFETTM MOSFET 500V, 20A, 230 m
|
Fairchild Semiconductor
|
FDP20N50F |
N-Channel MOSFET, FRFET 500V, 20A, 0.26Ω N-Channel MOSFET, FRFET 500V, 20A, 0.26ヘ
|
http:// Fairchild Semiconductor
|
STB20NM5007 STB20NM50 STP20NM50 STB20NM50-1 STP20N |
N-channel 500V - 0.20Ω - 20A - TO220/FP-D2PAK-I2PAK MDmesh Power MOSFET N-channel 500V - 0.20ヘ - 20A - TO220/FP-D2PAK-I2PAK MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STW20NM50FD |
N-CHANNEL Power MOSFET N-CHANNEL 500V - 0.22ohm - 20A TO-247 FDmesh Power MOSFET with FAST DIODE N-CHANNEL 500V 0.22 OHM 20A TO-247 FDMESH POWER MOSFET N-CHANNEL 500V - 0.22ohm - 20A TO-247 FDmesh⑩ Power MOSFET with FAST DIODE N-CHANNEL 500V 0.22 OHM 20A TO-247 FDMESH POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CT15AM24E |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 15A I(C) | TO-247VAR 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展|5A一(c)|47VAR
|
Chicago Miniature Lighting, LLC
|
FDA20N50 FDA20N50F109 |
N-Channel UniFET-TM MOSFET 500V, 20A, 230mOhms N-Channel UniFETTM MOSFET 500V, 22A, 230m
|
Fairchild Semiconductor
|
HGTP10N40C1D HGTP10N40E1D HGTP10N50C1D HGTP10N50E1 |
10A 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes 10A/ 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes 10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes 17.5 A, 400 V, N-CHANNEL IGBT, TO-220AB
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
CMD-5-CV CMD-5.08-CV |
Standard : UL - IEC 300V - 320V 15A - 20A
|
Eldeco Srl
|