PART |
Description |
Maker |
2N549 2N3262 |
Trans GP BJT NPN 80V 7A 3-Pin(2 Tab) TO-66 Sleeve Trans GP BJT NPN 90V 25A 3-Pin TO-63
|
New Jersey Semiconductor
|
2N3261 |
Trans GP BJT NPN 90V 25A 3-Pin TO-63
|
New Jersey Semiconductor
|
HGTP5N120CND FN4598 HGT1S5N120CNDS HGTG5N120CND |
From old datasheet system 25A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(25A, 1200V,NPT系列N沟道绝缘栅双极型晶体 5 A, 1200 V, N-CHANNEL IGBT, TO-247
|
INTERSIL[Intersil Corporation] Fairchild Semiconductor, Corp.
|
FGA25N120 FGA25N120AN FGA25N120ANTU |
Discrete, NPT IGBT TRANSISTOR,IGBT,N-CHAN,1.2KV V(BR)CES,25A
|
FAIRCHILD[Fairchild Semiconductor]
|
6MBI25L-120 |
IGBT(1200V 25A)
|
http://
|
NCE25GD135T |
1350V, 25A, Trench NPT IGBT
|
Wuxi NCE Power Semicond...
|
NCE25GD135P |
1350V, 25A, Trench NPT IGBT
|
Wuxi NCE Power Semicond...
|
RJH1CD6DPQ-E0 |
1200V - 25A - IGBT Application: Inverter
|
Renesas Electronics Corporation
|
FGH25T120SMD |
1200V, 25A Field Stop Trench IGBT
|
Fairchild Semiconductor
|
PWB PWB-5000 PWB-5001 PWB-5005 |
TRANS,WALL,9VDC/300mA,F1, 2.5X5.5mm,UL/CUL TRANS,WALL,9VDC/350mA,F2 2.1mm x 5.5 mm,UL/CUL TRANS,WALL,12VDC/200MA,F2 2.1mm X 5.5mm,RT. ANGLE TRANS,WALL,12VDC/200mA,LT GRAY F2,2.5mmX5.5mm,RANGL,UL/CSA 1-OUTPUT 5 W AC-DC REG PWR SUPPLY MODULE
|
Astrodyne, Inc.
|
IRMD2214SS |
For 3-phase / 380V motor drives
|
International Rectifier
|
|