PART |
Description |
Maker |
HGTP2N120BND HGT1S2N120BNDS HGT1S2N120BNDS9A |
12A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(12A, 1200V, NPT系列N沟道绝缘栅双极型晶体 72 MACROCELL 5 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 2 A, 1200 V, N-CHANNEL IGBT, TO-220AB 12 A, 1200 V, N-CHANNEL IGBT, TO-263AB
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HGT1S2N120 FN4696 HGTP2N120BN HGT1S2N120BNS HGTD2N |
XC9536-7PC44I - NOT RECOMMENDED for NEW DESIGN 12A 1200V NPT Series N-Channel IGBT From old datasheet system 12A, 1200V, NPT Series N-Channel IGBT
|
INTERSIL[Intersil Corporation]
|
MG360V1US41 E002277 |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS) From old datasheet system
|
Toshiba Corporation Toshiba Semiconductor
|
IRG4PC30U IRG4PC30UPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
STW12NC60 7175 |
N-CHANNEL 600V 0.48 OHM 12A TO-247 POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V 0.48 OHM 12A TO-247 POWERMESH II MOSFET
|
ST Microelectronics STMicroelectronics
|
PR103W PR103K PR134K PR101W PR114K PR105KW PR125K |
THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CC|800V V(RRM)|12A I(T) THYRISTOR MODULE|BRIDGE|FULLY-CNTLD|1KV V(RRM)|12A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CC|400V V(RRM)|12A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CA|1KV V(RRM)|12A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CC|1.2KV V(RRM)|12A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|1.2KV V(RRM)|12A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CC|600V V(RRM)|12A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CA|1.2KV V(RRM)|12A I(T) THYRISTOR MODULE|AC SWITCH|1.2KV V(RRM)|12A I(T) 可控硅模块|交流开关| 1.2KV五(无线资源管理)| 12A条疙(T
|
Stackpole Electronics, Inc.
|
AOT12N60 |
600V,12A N-Channel MOSFET
|
ShenZhen FreesCale Electronics. Co., Ltd
|
BTA12-800C BTB12-600BWRG BTB12-600BRG BTB12-600CWR |
800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC,800V V(DRM),12A I(T)RMS,TO-220 250MHz Wideband Transconductance Amplifier with Differential Output 330mW, Ultra-Small, Audio Power Amplifiers with Shutdown 12A TRIACS 2A双向可控 12A TRIACS 12A双向可控
|
ST Microelectronics Philips STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
IRF230-233 IRF231 IRF232 IRF233 MTP12N18 MTP12N20 |
N-Channel Power MOSFETs, 12A, 150-200 V 9 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Power MOSFETs, 12A, 150-200 V N沟道功率MOSFET,第12A50-200 V (MTP12N18 / MTP12N20) N-Channel Power MOSFETs N-Channel Power MOSFETs/ 12A/ 150-200 V N-Channel Power MOSFETs 12A 150-200 V
|
http:// Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
2SB826 2SB826R |
TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 12A I(C) | TO-220AB POWER TRANSISTORS(12A,50V,40W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
2SB922L 2SD1238L 2SD1238LR 2SB922LS |
Dual/Triple-Voltage µP Supervisory Circuits TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 12A I(C) 80V/12A Switching Applications
|
SANYO[Sanyo Semicon Device]
|
STW13NK80Z 9631 |
N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESHPower MOSFET N沟道800V 0.53W -2A47齐纳保护SuperMESH?功率MOSFET N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESH Power MOSFET From old datasheet system N-CHANNEL 800V 0.53 OHM 12A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|