PART |
Description |
Maker |
HGT1S11N120CNS HGTP11N120CN HGTG11N120CN HGT1S11N1 |
43A, 1200V, NPT Series N-Channel IGBT 43 A, 1200 V, N-CHANNEL IGBT, TO-263AB Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 3300uF; Voltage: 25V; Case Size: 16x25 mm; Packaging: Bulk 43 A, 1200 V, N-CHANNEL IGBT, TO-220AB 43A/ 1200V/ NPT Series N-Channel IGBT 43A 1200V NPT Series N-Channel IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HGT1S10N12 HGT1S10N120BNS HGTP10N120BN HGTG10N120B |
From old datasheet system 35A 1200V NPT Series N-Channel IGBT 35A/ 1200V/ NPT Series N-Channel IGBT 36 MACROCELL 3.3 VOLT ISP CPLD 35 A, 1200 V, N-CHANNEL IGBT, TO-247 35A, 1200V, NPT Series N-Channel IGBT 35 A, 1200 V, N-CHANNEL IGBT
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HGTD1N120BNS FN4649 HGTP1N120BN |
5.3A/ 1200V/ NPT Series N-Channel IGBT 5.3A, 1200V, NPT Series N-Channel IGBT From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HGT1S1N120BNDS HGTP1N120BND HGT1S1N120BNDS9A |
5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(5.3A, 1200V,NPT系列N沟道绝缘栅双极型晶体管(带反并行超快速二极管 5.3 A, 1200 V, N-CHANNEL IGBT, TO-263AB 5.3A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HGTP2N120BND HGT1S2N120BNDS HGT1S2N120BNDS9A |
12A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(12A, 1200V, NPT系列N沟道绝缘栅双极型晶体 72 MACROCELL 5 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 2 A, 1200 V, N-CHANNEL IGBT, TO-220AB 12 A, 1200 V, N-CHANNEL IGBT, TO-263AB
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HGT1S10N120BNST |
35A, 1200V, NPT Series N-Channel IGBT
|
Fairchild Semiconductor
|
HGTP2N120BND |
12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
Fairchild Semiconductor
|
HGT1S2N120CNDS HGTP2N120CND |
13A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
|
Fairchild Semiconductor
|
IXEN40N120 IXEN40N120D1 |
1200V NPT IGBT
|
IXYS
|