PART |
Description |
Maker |
ATV06B141J-G ATV06B141JB-G ATV06B510J-G ATV06B510J |
Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=600Watts, V<sub>RWM</sub>=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=54V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=45V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=85V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=440V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=300V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=30V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=36V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=8.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=400V, Tolerance=5%
|
Comchip Technology
|
P6KE200 P6KE47 P6KE51 P6KE300 P6KE56 P6KE33 P6KE75 |
TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 TransZorb瞬态电压抑制器(TransZorb瞬变电压抑制器) TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB瞬态电压抑制器 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W
|
GE Security, Inc. GE[General Semiconductor] Panjit International Inc Shanghai Sunrise Electronics
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
3KP170 3KP170A 3KP100A 3KP5.0A 3KP6.0A 3KP10 3KP11 |
Ppk=3000W, Vc=196V transient voltage suppressor KJL SERIES I 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Connector,D-Shell,PCB Mnt,PLUG,15 Contacts,SKT,0.050 Pitch,PC TAIL Terminal,#2-56 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE 3000Watts Transient Voltage Suppressor 5.0 to 170 Volts 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Ppk=3000W, Vc=214V transient voltage suppressor Ppk=3000W, Vc=209V transient voltage suppressor
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
ESD5B5.0ST1G |
Transient Voltage Suppressor(瞬变电压抑制 Transient Voltage Suppressor Bi-directional Micro-Packaged Diode for ESD Protection
|
ON Semiconductor
|
1N6302 1N6284A 1N6268A 1N6296A 1N6297A 1N6272A 1N6 |
Working Peak Reverse Voltage:8.92 V, 1500 W Transient Voltage Suppressor TRANSIENT VOLTAGE SUPPRESSOR 瞬态电压抑制器
|
N.A. EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited EIC discrete Semiconduc...
|
15FMCJ91A 15FMCJ 15FMCJ10 15FMCJ100 15FMCJ100A 15F |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 143V(min), 158V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 108V(min), 132V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 90.0V(min), 110V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 99.0V(min), 121V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 117V(min), 143V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 171V(min), 189V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 237V(min), 263V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 332V(min), 368V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 198V(min), 242V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 198V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 124V(min), 137V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 225V(min), 275V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 285V(min), 315V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 270V(min), 330V(max). For bidirectional use C or CA suffix. 10 GIG OPTIMIZED FIBER PATCH LC/LC Fiber Optic Cable Assembly; Cable Length:49.2ft; Connector Type A:ST; Connector Type B:ST FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 10M FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 5M Fiber Optic Cable Assembly; Cable Length:32.8ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:16.4ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes 10 GIG OPTIMIZED FIBER PATCH ST/ST SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 152V(min), 168V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 380V(min), 420V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 153V(min), 187V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 180V(min), 220V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 190V(min), 210V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 360V(min), 440V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 179V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 144V(min), 176V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 114V(min), 126V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 105V(min), 116V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 315V(min), 385V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 95.0V(min), 105V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 135V(min), 165V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 209V(min), 231V(max). For bidirectional use C or CA suffix.
|
RECTRON[Rectron Semiconductor]
|
TV02W150B-G TV02W120B-G TV02W280B-G TV02W330B-G TV |
Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=15V, Tolerance=5% Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=28V, Tolerance=5% Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=33V, Tolerance=5% Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=30V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=200Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=200Watts, V-RWM=75V, Tolerance=5%
|
Comchip Technology
|
TVP04A100CA-G TVP04A101A-G TVP04A101CA-G TVP04A110 |
Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=8.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=85.5V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=85.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=110Watts, V-RWM=9.4V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=94V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=10.2V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=10.2V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=94V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=11.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=111V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=111V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=12.8V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=12.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=13.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=13.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=8.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=9.4V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=102V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=11.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=128V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=128V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=136V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=136V, Tolerance=5%
|
Comchip Technology
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
|