PART |
Description |
Maker |
ZVP0545G ZVP0545GTA |
SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET P-channel MOSFET
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
ZXMN6A11G06 |
60V SOT223 N-channel enhancement mode MOSFET
|
Zetex Semiconductors
|
ZXMN6A08G ZXMN6A08GTA |
60V SOT223 N-channel enhancement mode MOSFET
|
Diodes Incorporated
|
ZVN0545G-15 |
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
|
Diodes Incorporated
|
ZVN4306G |
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
|
ZETEX[Zetex Semiconductors] http://
|
ZVN0545G ZVN0545GTA |
0.14 A, 450 V, 50 ohm, N-CHANNEL, Si, POWER, MOSFET SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET N-channel MOSFET
|
Diodes Incorporated Zetex Semiconductors
|
MGSF3455VT1 MGSF3455VT1_D ON1910 MGSF3455VT1-D ON1 |
From old datasheet system P-CHANNEL ENHANCEMENT?ODE P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET Low Rds(on) Small-Signal MOSFETs TMOS Single P-Channel Field Effect Transistors
|
MOTOROLA[Motorola, Inc] ON Semiconductor
|
NDP6020P NDB6020P |
P-Channel Enhancement Mode Field Effect Transistor24A,-20V0.05ΩP沟道增强型MOS场效应管(漏电流-24A, 漏源电压-20V,导通电0.05Ω 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB P-Channel Logic Level Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
BCP69 BCP69-10 BCP69-16 BCP69-25 |
PNP Silicon AF Transistor General Purpose Transistors - SOT223; VCEO=20V; hFE=160..375 General Purpose Transistors - SOT223; VCEO=20V; hFE=85..160 General Purpose Transistors - SOT223; VCEO=20V; hFE=100..250
|
Infineon Technologies A... Infineon Technologies AG
|
NDH8320C |
Dual N & P-Channel Enhancement Mode Field Effect Transistor(双N沟道和P沟道增强型场效应N沟道:漏电流3A, 漏源电压20V,导通电.06Ω;P沟道:漏电流-2A, 漏源电压-20V,导通电.13Ω 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET Dual N & P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|