PART |
Description |
Maker |
VCR7N VCR2N |
JFET Voltage-Controlled Resistors
|
Toshiba Semiconductor
|
C3A110650R0K5K5 |
Anaren High Frequency Chip Resist
|
Anaren Microwave
|
C5315 C5315SV033RFPA1666.5143MHZ C5315SV050RFPA166 |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 624.629 MHz SMD, 6 PIN VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 644.5313 MHz SMD, 6 PIN VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 666.5143 MHz SMD, 6 PIN 2, 5, 10 Gbit/s standard Sonet / SDH Voltage Controlled Crystal Oscillator
|
Vectron International, Inc.
|
2N3378 2N2606 2N3575 2N2497 2N2499 2N2498 2N3380 2 |
TRANSISTOR | JFET | P-CHANNEL | 6MA I(DSS) | TO-72 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | JFET | P-CHANNEL | 25V V(BR)DSS | 1MA I(DSS) | TO-72 TRANSISTOR | JFET | P-CHANNEL | TO-5 TRANSISTOR | JFET | P-CHANNEL | 20MA I(DSS) | TO-72 TRANSISTOR | JFET | P-CHANNEL | 50MA I(DSS) | TO-72 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 3 A, very low drop voltage regulators 晶体管|场效应| P通道| 15mA的我(直
|
Rochester Electronics, LLC
|
M665-01-BD-BD M665-01-BB-BD M665-01-BJ-BK M665-01- |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 161.1328 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 156.25 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 168.04 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 164.3555 MHz
|
INTEGRATED DEVICE TECHNOLOGY INC
|
X24165 X24165P X24165P-2.7 X24165PI X24165PI-2.7 X |
Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active Low Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High IC LDO REG 3A 5.5V W/ENBL 8-SOIC Advanced 2-Wire Serial E2PROM with Block Lock Protection
|
XICOR[Xicor Inc.]
|
M2051 M2052 M2050 M2051-11-625.0000 M2052-11I625.0 |
SAW PLL FOR 10GBE 64B/66B FEC SAW PLL with 10GbE FEC support and Hitless Switching options VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 627.3296 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 690.5692 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 669.1281 MHz
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] INTEGRATED DEVICE TECHNOLOGY INC
|
VCO600A666.5143MHZ VCO600A622.080MHZ VCO600A155.52 |
Voltage Controlled Saw Oscillator VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 311.04 MHz Voltage Controlled Saw Oscillator VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 368.64 MHz
|
Vectron International, Inc.
|
BT152-600 BT152 |
600V Vdrm 20A Sensitive Gate Silicon Controlled Rectifier, 1.7@40AV Peak On-State Voltage, 200V/μs Rise of Off-State Voltage Silicon Controlled Rectifiers
|
SEMIWELL[SemiWell Semiconductor]
|
VS-50006 VS-500-LFF-HNN VS-500-KFF-GNN VS-500-LFF- |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 779.5686 MHz Voltage Controlled SAW Oscillator
|
Vectron International, Inc
|