PART |
Description |
Maker |
V826664K24S |
2.5 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
|
Mosel Vitelic Corp Mosel Vitelic Corp MOSEL[Mosel Vitelic, Corp]
|
V437464E24V V437464E24VXTG-10PC V437464E24VXTG-75 |
3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
|
MOSEL[Mosel Vitelic, Corp]
|
V827464N24S |
2.5 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
|
MOSEL[Mosel Vitelic, Corp]
|
V827464K24S |
2.5 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
|
Mosel Vitelic Corp MOSEL[Mosel Vitelic, Corp]
|
AT45DB642 |
64M bit, 2.7-Volt Only Dual-Interface Flash with Two 1056-Byte SRAM Buffers.
|
Atmel
|
TC58NS512DC |
512-MBIT (64M x 8 BITS) CMOS NAND E 2 PROM (64M BYTE SmartMedia TM)
|
TOSHIBA
|
PCNET-ISAII |
How to Perform Plug and Play Initiation Key with PCnet-ISA II 100KB (PDF) 如何与PCnet -二执行的ISA即插即用启动密钥100的(PDF格式
|
Future Technology Devices International, Ltd.
|
KBY00U00VA-B450 |
8Gb DDP (512M x16) NAND Flash 4Gb (64M x32 64M x32) 2/CS
|
Samsung semiconductor
|
IDT72V2103L10PF IDT72V2113L10PFI IDT72V2113L7-5BCI |
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 10 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 6.5 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 3.3伏高密度SUPERSYNC二窄总线先进先出 Octal bus transceiver/register (3-State) - Description: Transceiver/Register (3-State) ; Fmax: 350 MHz; Logic switching levels: TTL ; Number of pins: 24 ; Output drive capability: -32/ 64 mA ; Propagation delay: 4.4 ns; Voltage: 4.5-5.5 V
|
Integrated Device Technology, Inc.
|
IDT72T1875L4-4BB IDT72T1865L4-4BBI IDT72T1885L4-4B |
2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS 2.5伏高速TeraSync先进先出18-BIT/9-BIT配置 2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS 2.5伏高TeraSync先进先出18-BIT/9-BIT配置 2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS 128K X 18 OTHER FIFO, 3.4 ns, PBGA240 2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS 4K X 18 OTHER FIFO, 3.4 ns, PBGA144
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
AT45DB041B-SC-2.5 AT45DB041B-TC-2.5 AT45DB041B-TI |
MOSFET N-CH 200V 105A ISOPLUS247 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash 4M X 1 FLASH 2.7V PROM, PDSO28 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash 4M X 1 FLASH 2.7V PROM, PDSO8
|
Atmel Corp. ATMEL Corporation Atmel, Corp.
|