PART |
Description |
Maker |
V30218P |
Ultra Low Power 1-Bit 32 kHz RTC
|
Electronic Theatre Controls, Inc.
|
V3021SO8A V3021SO8B V3021XSO8B V3021 V30218P V3021 |
Ultra Low Power 1-Bit 32 kHz RTC
|
http:// EMMICRO[EM Microelectronic - MARIN SA]
|
V3021 V30218P V30218S |
Ultra Low Power 1-Bit 32 kHz RTC
|
ETC
|
V3020 V30208S V30208TSS |
Ultra Low Power 1-Bit 32 kHz RTC
|
ETC[ETC]
|
AD7190 |
4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
|
Analog Devices
|
MAX6380 MAX6380R33-T MAX6380R34-T MAX6380R35-T MAX |
3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors Ultra-low-power voltage detector, 2.4V Ultra-low-power voltage detector, 2.8V Ultra-low-power voltage detector, 3.4V Ultra-low-power voltage detector, 3.3V Ultra-low-power voltage detector, 4.2V 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 2-W Stereo Audio Power Amplifier with DirectPath(TM) Headphone and Regulator 32-QFN -40 to 85 50-mW Ultra Low-Voltage Stereo Headphone Audio Amplifier 8-MSOP -40 to 85 3-Pin Ultra-Low-Power SC70/SOT23 Voltage Detectors " 3-Pin, Ultra- Low-Power, SC70 Voltage Detector" "3-Pin, Ultra- Low-Power, SC70 Voltage Detector" 3-Pin / Ultra-Low-Power SC70/SOT23 Voltage Detectors Ultra-low-power voltage detector, 4.1V Ultra-low-power voltage detector, 3.9V Ultra-low-power voltage detector, 3.6V Ultra-low-power voltage detector, 3.7V Ultra-low-power voltage detector, 2.2V Ultra-low-power voltage detector, 3.0V Ultra-low-power voltage detector, 4.6V
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
ATA5282-6APH ATA5282-6AQH ATA5282 ATA528205 |
Ultra Low Power 125 kHz 3D - Wake-up Receiver with RSSI
|
ATMEL Corporation
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
AD7788ARMZ-REEL AD7789BRMZ |
16-Bit, Single-Channel, Ultra Low Power, Sigma Delta A/D Converter; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO10 Low Power, 16-/24-Bit, Sigma-Delta ADCs
|
Analog Devices, Inc.
|
IC62VV12816LL IC62VV12816L IC62VV12816L-70B IC62VV |
ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM 70ns; 1.8V; 128K x 16 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|