PART |
Description |
Maker |
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
PBSS5350SS PBSS4350SPN PBSS4350SS PBSS5350SS115 |
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor; Package: SOT96-1 (SO8); Container: Tape reel smd 2700 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V. Philips Semiconductors NXP[NXP Semiconductors]
|
2SA1460 2SA1460-AZ 2SA1460-L-AZ 2SA1460L 2SA1460K |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-221VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 1000 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON TRANSISTOR
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
2SA915 2SA915L 2SA915-K 2SA915-AZ 2SA915K |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON TRANSISTOR TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 50MA I(C) | TO-221VAR
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BC858AW-7-F BC858BW-7-F BC857CW-7-F BC858CW-7-F BC |
TRANS PNP BIPOLAR 45V SOT-323 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Inc. Diodes, Inc. Diodes Incorporated
|
2SB798 2SB798-T2 2SB798-T1 2SB794L 2SB798DK-AZ 2SB |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD PACKAGE-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1.5A I(C) | TO-126 PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
IRC Advanced Film NEC[NEC]
|
MPS3703 |
PNP General Purpose Amplifier 800 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|