PART |
Description |
Maker |
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
LH28F008SCHT LH28F008SCHT-85 LH28F008SCN-L120 LH28 |
8MBIT (1 MB x 8)Smart Voltage Flash Memory 40pin STSOP 8Mbit Flash Memory 8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY 8MBIT (1 MB x 8)Smart Voltage Flash Memory 44pin PSOP
|
Sharp Electrionic Components
|
W39V040FA W39V040FAT W39V040FAP W39V040FAQ |
3.3-Volt Flash NVM > Flash> FWH/LPC Flash Memory 512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
|
Winbond Electronics WINBOND[Winbond]
|
CAT28F102 CAT28F102T14I-45T CAT28F102PI-45T CAT28F |
90ns 1M-bit CMOS flash memory 70ns 1M-bit CMOS flash memory 55ns 1M-bit CMOS flash memory 45ns 1M-bit CMOS flash memory 1 Megabit CMOS Flash Memory
|
Catalyst Semiconductor http://
|
CAT28F512HI-12T CAT28F512HI-15T CAT28F512HI-90T CA |
512K-Bit CMOS Flash Memory 512 kb CMOS Flash Memory 64K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
ON Semiconductor
|
CAT28F001HI-12BT CAT28F001HI-12TT CAT28F001NI-12BT |
1 Mb Boot Block Flash Memory 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Mb Boot Block Flash Memory 128K X 8 FLASH 12V PROM, 90 ns, PDIP32 1 Mb Boot Block Flash Memory 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit CMOS Boot Block Flash Memory
|
ON Semiconductor
|
MB84VA2103-10 MB84VA2102 MB84VA2102-10 MB84VA2103 |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
GE28F320W30B70 GE28F320W30B85 RD28F6408W30T85 28F6 |
Segmented Alphanumeric LED; Display Technology:LED; No. of Digits/Alpha:1; Body Material:GaAsP; LED Color:Red; Leaded Process Compatible:Yes; Luminous Intensity:7.5mcd RoHS Compliant: Yes 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) SPECIALTY MEMORY CIRCUIT, PBGA80 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 1.8伏英特尔无线闪存伏的I / O和SRAM(宽30
|
Intel, Corp. Intel Corp.
|
MB84VA2003-10 MB84VA20 MB84VA2002 MB84VA2002-10 MB |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
16235STRD 16235LEDLED 16235FAM 16235FSL 16235FST 1 |
IC, AM29LV641DH90REI, 8MB FLSH, TSOP48 M29LV400BB 4 MBIT FLASH MEMORY TSOP48 IC/MEMORY//4-MBIT (512K X 8-BIT/256K X 16- FLASH_64_MEGABIT IC, FLASH , 4MX16 90NS, FBGA-64, 13X11MM, 1.0MM PITCH IC, BOOT FLASH, TSOP-48 PACIFIC DISPLAY DEVICES 太平洋显示器 AMD 64 MB FLASH MIRROR BIT 太平洋显示器
|
List of Unclassifed Man... List of Unclassifed Manufacturers ETC[ETC] Pacific Display Devices Electronic Theatre Controls, Inc.
|
S71PL129JC0_06 S71PL129JA0 S71PL129JB0 S71PL129JC0 |
Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
|
SPANSION[SPANSION]
|
MB84VD21181-85-PBS MB84VD21181-85-PTS MB84VD21191- |
16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM Stacked MCP (multi-chip package) flash memory & SRAM 16M(x8/x16) flash memory & 4M(x8/x16) static RAM
|
Fujitsu Microelectronics
|