PART |
Description |
Maker |
XRT83L30 |
Single-Channel T1/E1/J1 Long-Haul, Short-Haul Line Interface Unit
|
Exar
|
ISL34321INZ-T13 |
16-Bit Long-Reach Video SERDES with Bidirectional Side-Channel; Temperature Range: -40°C to 85°C; Package: 48-EPTQFP T&R SPECIALTY INTERFACE CIRCUIT, PQFP48 16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
|
Intersil, Corp. Intersil Corporation
|
RVQ12YP310SB100M RVQ12YP310SB101M RVQ12YP310SB102M |
Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
|
TOCOSAMERICA, INC.
|
ISL34341 ISL34341INZ |
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
|
Intersil Corporation
|
OM6017SA OM6018SA OM6019SA OM6020SA OM6019SW OM602 |
200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 500V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V单N沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Microsemi, Corp.
|
IDT82P2281 IDT82P2281PN |
SINGLE T1/E1/J1 LONG HAUL SHORT HAUL TRANSCEIVER
|
Integrated Device Technology
|
IDT82P2282 |
Single T1/E1/J1 Long Haul / Short Haul Transceiver
|
IDT
|
STWA20N95K5 |
N-channel 950 V, 0.275 Ohm typ., 17.5 A Zener-protected SuperMESH(TM) 5 Power MOSFET in TO-247 long leads package
|
ST Microelectronics
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
OM6059SB OM6056 OM6061SB OM6056SB OM6057SB OM6058S |
High Current, High Voltage 500V , 58 Amp N-Channel, MOSFET(大电流,高电压,500V , 58A,N沟道,MOS场效应管) POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE 100V Single N-Channel Hi-Rel MOSFET in a PB-3A package 500V Single N-Channel Hi-Rel MOSFET in a PB-3A package 600V Single N-Channel Hi-Rel MOSFET in a PB-3A package 200V Single N-Channel Hi-Rel MOSFET in a PB-3A package
|
List of Unclassifed Manufacturers International Rectifier ETC[ETC]
|