PART |
Description |
Maker |
U1GWJ2C49 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
U2JC44 U2BC44 U2GC44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
MBR20200CT MBR20200CT_D ON0413 |
SWITCHMODE??Power Dual Schottky Rectifier SWITCHMODEPower Dual Schottky Rectifier 10 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE Power Dual Schottky Rectifier SCHOTTKY BARRIER RECTIFIER From old datasheet system SWITCHMODE⑩ Power Dual Schottky Rectifier
|
MOTOROLA INC Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
U2FWJ44N |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS
|
TOSHIBA
|
SS100 SS14 SS13 SS12 SS16 S100 |
Surfase mount schottky barrier rectifier. Max recurrent peak reverse voltage 100 V. Max average forward current 1.0 A. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
PanJit International Inc. PanJit Semiconductors Pan Jit International Inc.
|
SS510 SS52 SS515 SS520 SS58 SS55 |
SCHOTTKY BARRIER RECTIFLER SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
|
Gaomi Xinghe Electronics Co., Ltd. Chendahang Electronics Co., Ltd
|
U10FWJ2C48M |
SCHOTTKY BARRIER RECTIFIER STACK LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE SWITCHING MODE POWER SUPPLY, CONVERTER & CHOPPER APPLICATION
|
TOSHIBA
|
USCD012 USCD014 |
(USCD012 / USCD014) Schottky Barrier Rectifiers SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Zowie Technology Corporation
|
SR150 SR140 SR180 SR1150 SR170 |
SCHOTTKY BARRIER RECTIFIER Low power loss,high efficiency SCHOTTKY BARRIER RECTIFIER
|
Chendahang Electronics ... Jiangsu Yutai Electroni...
|
MBR130 MBR130T1 MBR130T3 MBR130T1-D |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
|
ONSEMI[ON Semiconductor]
|