PART |
Description |
Maker |
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
AM29LL800BB-150EC AM29LL800BB-150FIB AM29LL800BB-1 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO48 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 1M X 8 FLASH 2.2V PROM, 150 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).2伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|
AM29LV160DB-70WCE AM29LV160DT-70WCE AM29LV160DB-70 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29LV800B-100 AM29LV800B-120 AM29LV800B-150 AM29L |
8 Megabit (1048576 x 8-Bit/524288 x 16-Bit) CMOS 3.0 Volt-only Sectored Flash Memory 8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29F032B-90 AM29F032B-75EI AM29F032B-75FC AM29F03 |
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 32兆位4个M × 8位)的CMOS 5.0伏只,统一部门快闪记忆 32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 32兆位个M × 8位)的CMOS 5.0伏只,统一部门快闪记忆 32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 4M X 8 FLASH 5V PROM, 70 ns, PDSO40
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM27C020 AM27C020-120 AM27C020-120DC5 AM27C020-120 |
2 Megabit (256 K x 8-Bit) CMOS EPROM Octal bus transceivers 20-SSOP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 2兆位56亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 256K X 8 UVPROM, 55 ns, CDIP32 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 2兆位56亩8位)的CMOS存储 Octal bus transceivers 20-SOIC 0 to 70 256K X 8 OTPROM, 55 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位256亩8位)的CMOS存储 BCD-To-Seven-Segment Decoders/Drivers 16-SOIC 0 to 70 2兆位256亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位56亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SSOP 0 to 70 RES 1.5K-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 megabit CMOS EPROM
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD [Advanced Micro Devices] AMD[Advanced Micro Devices]
|
AM42DL3244GB25IT AM42DL3234GB25IT AM42DL3224GB25IT |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业闪存兆位56亩16位),静态存储器
|
Advanced Micro Devices, Inc.
|
AM49PDL127AH70IS AM49PDL127AH70IT AM49PDL127AH61IS |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
|
SPANSION[SPANSION]
|
AM70PDL127BDH85I AM70PDL129BDH AM70PDLI27BDH AM70P |
Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP) 2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
|
SPANSION[SPANSION]
|
AM29LV400B AM29LV400BB120EC AM29LV400BB120ECB AM29 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory FEEDTHRU CAPACITOR, 47PF 3A 100VFEEDTHRU CAPACITOR, 47PF 3A 100V; Capacitance:0.047nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, op. Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes Am29LV400B KGD (Known Good Die Supplement) INNOLINE: High Voltage Input Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency to 80% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 CAP CERM 2.2UF 4V X7R 0612 20% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO48
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc.
|