PART |
Description |
Maker |
ADUC842 ADUC842BCP |
MicroConverter 1-Cycle 8052 MCU, 8-Channel 12-Bit ADC , Dual 12-Bit DAC , 62K-Byte Flash, Programmable PLL in 8 x 8mm Chip-scale-package (CSP) 12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
|
Analog Devices, Inc.
|
ADUC844 ADUC844BCP32-5 ADUC844BCP32-3 ADUC844BS62- |
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU MicroConverter的,6-Bit/24-Bit与嵌入式62kB闪存MCU模数转换 MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU 8-BIT, FLASH, 12.58 MHz, MICROCONTROLLER, PQFP52
|
Analog Devices, Inc.
|
ADUC81402 |
MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
|
Analog Devices
|
ADUC824 ADUC824BS |
MicroConverter/ Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU MicroConverter的,双通道ADC6-/24-Bit与嵌入式闪存MCU
|
Analog Devices, Inc.
|
ADUC834 ADUC834BS |
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
|
Analog Devices
|
ADUC816 ADUC816BS |
MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU From old datasheet system
|
AD[Analog Devices]
|
ICL7109C/D ICL7109CQH ICL7109CPL |
Dual LVDS Receiver 5-SOT-23 -40 to 85 1-CH 12-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 12 Bit A/D Converter With 3-State Binary Outputs 1-CH 12-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PQCC44
|
Maxim Integrated Products, Inc.
|
AD7262 AD7262BCPZ AD7262BCPZ-5 AD7262BCPZ-5-RL7 AD |
DUAL 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PQFP48 ROHS COMPLIANT, MS-026BBC, LQFP-48 DUAL 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, QCC48 7 X 7 MM, ROHS COMPLIANT, MO-220VKKD-2, LFCSP-48 1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
|
Analog Devices, Inc.
|
AD9281ARSRL AD9281ARSZ AD9281-15 |
Dual Channel 8-Bit Resolution CMOS ADC 2-CH 8-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO28
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX1193ETI-T MAX1193 |
Ultra-Low-Power, 45Msps, Dual 8-Bit ADC 2-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, QCC28
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AT84AD004 AT84XAD004TD |
Dual 8-bit 500 Msps ADC Provides 500 Msps sampling per channel or 1 Gsps sampling from one channel (interleaving mode) and integrates ... Smart ADC. Dual 8-bit 500 Msps ADC. Temperature range ambient.
|
Atmel
|
76W-101 76W-102 76W-103 76W-104 76W-105 76W-203 76 |
LIN-compatable driver, 5.0V regulator., -40C to 85C, 8-MSOP, TUBE 12-bit ADC, SPI, dual channel, -40C to 85C, 8-SOIC 150mil, T/R 12-bit ADC, SPI, dual channel, -40C to 85C, 8-TSSOP, T/R TRIMMER 6.35MM CERMET EIN 100K 300V 0.5W 12-bit ADC, SPI, 4-channel, -40C to 85C, 14-PDIP, TUBE 2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI™ Serial Interface, -40C to 85C, 14-TSSOP, TUBE 12-bit ADC, SPI, 4-channel, -40C to 85C, 14-TSSOP, TUBE 5V, SINGLE CHANNEL, 10 BIT SERIAL A/D CONVERTER, -40C to 125C, 5-SOT-23, T/R TRIMMER 6.35MM CERMET EIN 500K 300V 0.5W TRIMMER 6.35MM CERMET EIN 5K 300V 0.5W 12-bit ADC, SPI, 4-channel, -40C to 85C, 14-SOIC 150mil, TUBE 10-bit ADC, SPI, 4-channel, -40C to 85C, 14-TSSOP, T/R 10-bit ADC, SPI, 8-channel, -40C to 85C, 16-SOIC 150mil, TUBE 修边.35mm的艾500R 300V金属陶瓷.5W 10-bit ADC, SPI, 4-channel, -40C to 85C, 14-PDIP, TUBE 修边.35mm的金属陶瓷艾10,000 300V.5W 10-bit ADC, SPI, 4-channel, -40C to 85C, 14-TSSOP, TUBE 修边.35mm的艾0000V金属陶瓷.5W
|
HIROSE ELECTRIC Co., Ltd. NXP Semiconductors N.V.
|
|