PART |
Description |
Maker |
DM74ALS273 DM74ALS273MSA DM74ALS273N DM74ALS273SJ |
Octal D-Type Edge-Triggered Flip-Flops with Clear Inputs Octal D-Type Edge-Triggered Flip-Flop with Clear Octal D-Type Flip-Flop FRICTION LOCK HEADER, 6 CIR, STRGHT SQR
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74ALVC574 74ALVC574_1 74ALVC574PW 74ALVC574D |
Octal D-type flip-flop; positive From old datasheet system Octal D-type flip-flop positive edge-trigger 3-state
|
PHILIPS[Philips Semiconductors]
|
74ACT374TTR 74ACT374M 74ACT374MTR 74ACT37401 74ACT |
OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT NON INVERTING OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MC74LVX374DWR2 MC74LVX374DWR2G MC74LVX374MG 74LVX3 |
Octal D-Type Flip-Flop with 3-State Outputs; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LV/LV-A/LVX/H SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flop with 3-State Outputs With 5V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
74AC377MTC |
Octal D-Type Flip-Flop with Clock Enable AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp.
|
74ABT377 74ABT377CMSA 74ABT377CMTC 74ABT377CSC 74A |
From old datasheet system Octal D-Type Flip-Flop with Clock Enable Audio Click-Pop Suppressor ABT SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
100351QC 100351 100351SC 100351PC 100351QI 100351Q |
From old datasheet system Low Power Hex D-Type Flip-Flop Hex D-Type Flip-Flop 100K SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC74VHC374 MC74VHC374DT MC74VHC374DW MC74VHC374M O |
From old datasheet system OCTAL D-TYPE FLIP-FLOP 3-STATE OUTPUT Octal D-Type Flip-Flop with 3-State Output
|
MOTOROLA[Motorola, Inc] ON Semiconductor
|
HD74BC374A HD74BC374AP HD74BC374AFP |
FLIP-FLOP|OCTAL|D TYPE|BICMOS-TTL|SOP|20PIN|PLASTIC 触发器|八路| D型|的BiCMOS - TTL电|专科| 20针|塑料 WA Series Standard Basic Switch, Single Pole Normally Closed Circuitry, 20 A at 250 Vac, Special Lever Actuator, 0,7 N [2.5 oz] Operating Force, Silver Contacts, Screw Termination Octal D Type Flip Flops With 3 State Outputs
|
Renesas Electronics, Corp. HITACHI[Hitachi Semiconductor]
|
74LVQ273_01 74LVQ273 74LVQ273QSC 74LVQ273SC 74LVQ2 |
Low Voltage Octal D Flip-Flop Low Voltage Octal D-Type Flip-Flop From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVT374 74LVT374D 74LVT374DB 74LVT374PW 74LVT374P |
3.3V Octal D-type flip-flop; positive-edge trigger (3-State)(3.3V ??瑙?????涓??娌胯Е???涓??锛? 3.3V Octal D-type flip-flop; positive-edge trigger 3-State From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DM74ALS576SJX DM74ALS576A DM74ALS576A_04 DM74ALS57 |
ALS SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs Octal D-Type Edge-Triggered Flip-Flops with 3-STATE Outputs
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|