PART |
Description |
Maker |
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
LC66506 LC66506B LC66P516 LC66354B LC66356B LC6635 |
4-BIT, MROM, 4.3 MHz, MICROCONTROLLER, PDIP64 6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications Four-Bit Single-Chip Microcontrollers with 4/ 6/ and 8 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
LPC2194 LPC2194JBD64 |
Single-chip 32-bit micro with CAN Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
|
PHILIPS[Philips Semiconductors]
|
GMS34140T GMS34004T GMS34112T GMS34112TK |
Program memory:1024 bytes, 300KHz-500KHz, 4-5 V, 4 BIT single chip microcomputer 4-BIT SINGLE CHIP MICROCOMPUTERS
|
HYNIX[Hynix Semiconductor]
|
LPC2157 LPC2158 LPC215709 LPC2157FBD100551 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP100 Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
|
NXP Semiconductors N.V.
|
M37516M6-A05 M37516M6-A05HP M37516M6-A06HP M37516M |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 7470/71 Series Microcontrollers: Small Package, Low Cost Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
UPD17136B UPD17136BCT-XXX UPD17136BGT-XXX UPD17934 |
17K series 4B microcomputer on-chip ROM (2048x16), RAM(112x4) 0.9V operating portable DTS controller 17K series 4B microcomputer on-chip ROM (1024x16), RAM (112x4) Automobile DTS controller Small general-purpose/remote-control 4-bit single-chip microcontroller Small general-purpose/remote-control 4-bit SC microcontroller(OTP version) OTP version 4-bit single-chip microcontroller 4-bit microcomputer 17K series with on-chip OTPROM 4-bit single-chip microcomputer with ROM(4Kx16), RAM(110x4) MOS integrated circuit UPD17402 OTP version Car-mounted DTS controller 4-bit single-chip microcomputer 17K series with PLL synthesizer General-purpose compact 4b micropomputer with 4K PROM
|
NEC
|