PART |
Description |
Maker |
X40415V8I-C X40410 X40410S8-A X40410S8-B X40410S8- |
Dual Voltage Monitor with Intergrated CPU Supervisor
|
INTERSIL[Intersil Corporation]
|
X40626 X40626S14 X40626S14-2.7 X40626S14-2.7A X406 |
Dual Voltage CPU Supervisor with 64K Serial EEPROM
|
XICOR[Xicor Inc.]
|
X40620 |
Dual Voltage CPU Supervisor with 64K Serial EEPROM
|
XICOR[Xicor Inc.]
|
X40020S14-C X40021V14I-C X40020 X40020S14-B X40020 |
Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
|
INTERSIL[Intersil Corporation]
|
X4045S8I X4045S8 X4045P8I X4045P8 X4045M8I X4045M8 |
RTC Module With CPU Supervisor 时钟模块CPU监控 CPU Supervisor with 4Kbit EEPROM
|
Intersil, Corp. Xicor Inc.
|
X4323 X4325V8-4.5A |
RTC Module With CPU Supervisor CPU Supervisor with 32K EEPROM
|
INTERSIL CORP http://
|
X40415V8I-AT1 X40410S8-CT1 INTERSILCORP-X40414S8I- |
Dual Voltage Monitor with Intergrated CPU Supervisor 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8
|
Intersil, Corp. INTERSIL CORP
|
X5163V14Z-2.7 X5163S8Z-4.5A X5165V14Z-4.5A X5165S8 |
CPU Supervisor with 16Kbit SPI EEPROM RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO14
|
http:// Intersil, Corp.
|
X5165PI X5163V14I-2.7T1 X5165V14-2.7T1 X5165V14I-2 |
CPU Supervisor with 16Kbit SPI EEPROM Description THYRISTOR MODULE, 95A, 0800V; Thyristor/Triac type:Thyristor; Voltage, Vdrm:800V; Current, It rms:150A; Current, Itsm:2000A; Current, Igt:150mA; Voltage, Vgt:3.0V; Case style:SEMIPACK 1; Centres, fixing:80mm; Current, It av:95A; RoHS Compliant: Yes RTC Module With CPU Supervisor ; Repetitive Reverse Voltage Max, Vrrm:1600V; Current, It av:70A; Forward Current:125A; Operating Temp. Max:125 ; Package/Case:SEMIPACK 1; Peak
|
http:// Intersil Corporation
|
EP600JM883BX EP600JI EP600DM EP600JC EP600LI EP600 |
4kbit EEPROM; Triple Voltage Monitor with Integrated CPU Supervisor; Temperature Range: -40°C to 85°C; Package: 14-SOIC 4kbit EEPROM; Triple Voltage Monitor with Integrated CPU Supervisor; Temperature Range: 0°C to 70°C; Package: 14-SOIC UV-Erasable/OTP PLD 4kbit EEPROM; Triple Voltage Monitor with Integrated CPU Supervisor; Temperature Range: -40°C to 85°C; Package: 14-SOIC
|
|
ASM706SCPA ASM706SCSA ASM706SCUA ASM706SEPA ASM706 |
CPU Supervisors with Watchdog Timer and Power Fail Detector CPU Supervisors with Power Fail Detector CAC 3C 3#16S SKT RECP BOX 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 4 V, mP supervisor circuit 2.93 V, mP supervisor circuit 3.08 V, mP supervisor circuit
|
http:// ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
MAX6720 MAX6720UTD-T MAX6729 MAX6717 MAX6722UTD-T |
Vcc1: 2.313 V, Vcc2: 1.110 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 1.665 V, Vcc2: 1.388 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.313 V, Vcc2: 1.388 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.188 V, Vcc2: 1.575 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.313 V, Vcc2: 1.665 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits Dual/Triple Ultra-Low-Voltage SOT23 P Supervisory Circuits Replaced by TPL9201 : Microcontroller Power Supply and Low-Side Driver 20-PDIP -40 to 125 Dual/Triple Ultra-Low-Voltage SOT23 レP Supervisory Circuits 三路、超低电压、SOT23封装、微处理器监控电 8-Bit Shift Register 16-PDIP -40 to 125 三路、超低电压、SOT23封装、微处理器监控电 Vcc1: 2.188 V, Vcc2: 0.788 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.625 V, Vcc2: 1.313 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 4.625 V,Vcc2: 3.075 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 4.375 V, Vcc2: 2.625 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 4.375 V,Vcc2: 2.925 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.625 V, Vcc2: 0.788 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.625 V, Vcc2: 1.575 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.625 V, Vcc2: 2.188 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.925 V, Vcc2: 0.788 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.925 V, Vcc2: 1.050 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.925 V, Vcc2: 1.313 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.925 V, Vcc2: 1.575 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.925 V, Vcc2: 2.188 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 3.075 V, Vcc2: 0.833 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 3.075 V, Vcc2: 1.110 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 3.075 V, Vcc2: 1.388 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 3.075 V, Vcc2: 1.665 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 3.075 V, Vcc2: 2.313 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 1.575 V, Vcc2: 0.788 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 1.575 V, Vcc2: 1.313 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 1.575 V, Vcc2: 1.050 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 1.665 V, Vcc2: 0.883 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1 4.625 V,Vcc2 3.075 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc... MAXIM - Dallas Semiconductor
|
|