PART |
Description |
Maker |
R1LP5256ESP-5SI-B0 R1LP5256ESP-5SI-S0 R1LP5256ESP- |
256Kb Advanced LPSRAM (32k word x 8bit)
|
Renesas Electronics Corporation
|
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
M24256-ABN6 |
32K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
STMICROELECTRONICS
|
R1EX24032ATA00A R1EX24032ASA00A |
Two-wire serial interface 32k EEPROM (4-kword 】 8-bit)
|
Renesas Electronics Corporation
|
R1EX24032ATA00I R1EX24032ASA00I |
Two-wire serial interface 32k EEPROM (4-kword 】 8-bit)
|
Renesas Electronics Corporation
|
R1EX24032ASAS0I R1EX24032ATAS0I |
Two-wire serial interface 32k EEPROM (4-kword 】 8-bit)
|
Renesas Electronics Corporation
|
R1EX24032ATA00A R1EX24032ASA00A |
Two-wire serial interface 32k EEPROM (4-kword × 8-bit)
|
Renesas Electronics Corporation
|
HN58X2404T HN58X2402 HN58X2402T HN58X2432FP HN58X2 |
Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
|
HITACHI[Hitachi Semiconductor]
|
AS7C256A AS7C256A-10JC AS7C256A-15JCN AS7C256A-15J |
IC,AS7C256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,5V 5V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 20 ns, PDSO28 SRAM - 5V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1335 7C1335 CY7C1335-100AC |
32K X 32 CACHE SRAM, 5 ns, PQFP100 32K x 32 Synchronous-Pipelined Cache RAM(32K x 32 同步流水线式高速缓冲存储器 RAM) 32K的32同步流水线缓存内存(32K的32同步流水线式高速缓冲存储器的RAM From old datasheet system
|
Cypress Semiconductor Corp.
|