PART |
Description |
Maker |
1708530000 |
Terminal Block; Number of Positions:2; Leaded Process Compatible:Yes 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
722A |
Jack Socket; Plug Diameter:0.080; Contact Termination:Solder; Leaded Process Compatible:Yes; Number of Contacts:2; Peak Reflow Compatible (260 C):Yes 12V, 5A, 1.93mm DIAMETER, DC POWER PLUG OR JACK
|
Switchcraft, Inc.
|
STF9NK60ZFD |
Fuse Holder; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Thermoplastic; Leaded Process Compatible:Yes; Mounting Type:Screw/Quick Connect RoHS Compliant: Yes N沟道600V.85欧姆A TO-220/TO-220FP/D2PAK快速二极SUPERMESH功率MOSFET
|
STMicroelectronics N.V.
|
1639000000 |
Terminal Block; Pitch Spacing:0.138"; Wire Size (AWG):28-14; Mounting Type:PCB Right Angle Thru Hole; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:1 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
102430 |
Terminal Block; Leaded Process Compatible:Yes; Mounting Type:Clipped; Wire Size (AWG):26-12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes MODULAR TERMINAL BLOCK
|
Weidmuller, Corp.
|
2317-H-RC 2318-H-RC 2315-H-RC 2301-H-RC 2307-V-RC |
Toroidal Inductor; Series:2300; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.5A; DC Resistance Max:0.060ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.2A; DC Resistance Max:0.067ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.078ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:10uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:20A; DC Resistance Max:0.005ohm; Leaded Process Compatible:Yes 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:33uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:11.7A; DC Resistance Max:0.013ohm; Leaded Process Compatible:Yes 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
1120-222K-RC 1120-1R2M-RC 1120-680K-RC 1120-681K-R |
RF Choke; Series:1120; Inductance:2.2mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.54ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:68uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.8A; DC Resistance Max:0.053ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.430ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:330uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.305ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.355ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.26ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity
|
BOURNS INC Bourns Electronic Solut...
|
M74HCT27TTR M74HCT27 M74HCT27B1R M74HCT27M1R M74HC |
TRIPLE 3-INPUT NOR GATE TRIPLE 3-INPUT NOR GATE Rotary Cam Switch; Contact Current Max:100A; No. of Poles:2; No. of Switch Positions:3; Indexing:45 ; Switch Terminals:Screw; Circuitry:DPDT; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MCDHN-10F-V MCDHN-06F-V |
JACK SCREWS - SCREW LOCK ACCESSORIES
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
2117-V-RC 2112-RC 2111-RC 2120-V-RC 2122-RC 2108-H |
Toroidal Inductor; Series:2100; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.8A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Toroidal Inductor; Series:2100; Inductance:470uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.6A; DC Resistance Max:0.28ohm; Leaded Process Compatible:Yes 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.032ohm; Leaded Process Compatible:Yes; Resistance:32mohm 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:100uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.4A; DC Resistance Max:0.13ohm; Leaded Process Compatible:Yes High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Bourns Electronic Solut...
|
J300B TP6451 TP5952 TP5951 TP6449 TP6450 MPF108 |
TRANSISTOR | JFET | N-CHANNEL | 15MA I(DSS) | TO-92 ; No. of Switch Positions:2; Number of Positions:2; Switch Features:Tumbler Lock With Detent Detection Switch; Contact Current Max:300mA; Circuitry:SPDT; Actuator Style:Hinge Lever; Current Rating:0.3A; Leaded Process Compatible:Yes; Mounting Rotary Keylock Switch; Key Removal Position:Center; Circuitry:SPST; Indexing:90 ; Contact Current Max:4A; Leaded Process Compatible:Yes Keylock Switch; Contact Current Max:4A; No. of Poles:2; Indexing:90 ; Switch Terminals:Solder Lug; Key Removal Position:1; Leaded Process Compatible TRANSISTOR | JFET | N-CHANNEL | 25V V(BR)DSS | 24MA I(DSS) | TO-92 晶体管|场效应| N沟道| 25V的五(巴西)直| 24mA的我(直)|92
|
东电?中国)投资有限公司
|