PART |
Description |
Maker |
WP06R12S05 WP06R24D12 WP06R12S12 WP06R24S12 WP06R1 |
5-6 Watt High Density, Wide Input Range DC/DC Converter
|
Murata Power Solutions Inc.
|
VKA50LS03-1 VKA50LS05-1 VKA50LS12-1 VKA50LS15-1 VK |
50 Watt Single Output High Density DC/DC Converter
|
C&D Technologies
|
MVAC250-24AFD MVAC-COVER |
250W 3 x 5 High Density AC-DC Power Supply Converter 250 Watt Silicon Type Metal Package Power Transistor 250W 3 x 5 High Density AC-DC Power Supply Converter
|
Murata Power Solutions ...
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
ISPLSI2096E-100LQ128 ISPLSI2096E-100LT128 ISPLSI20 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFAST?/a> High Density PLD In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP128 In-System Programmable SuperFAST??High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
TGA2902-1-SCC-SG TGA2902-2-SCC-SG TGA2902-SCC-SG T |
2 Watt Packaged Amplifier 13000 MHz - 17000 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER
|
TRIQUINT[TriQuint Semiconductor] TriQuint Semiconductor, Inc.
|
ISPLSI5512VA-100LB272 ISPLSI5512VA-70LQ208 5512VA |
70 MHz in-system prommable 3.3V superWIDE high density PLD In-System Programmable 3.3V SuperWIDE⑩ High Density PLD In-System Programmable 3.3V SuperWIDE High Density PLD 110 MHz in-system prommable 3.3V superWIDE high density PLD
|
LATTICE[Lattice Semiconductor]
|
MHP10-48S05 MHP10-24S3V3 MHP10-12S3V3 |
Single and dual output 10 Watt Wide input DC/DC converters 单和双输10瓦特宽输入DC / DC转换 Single and dual output 10 Watt Wide input DC/DC converters 单和双输0瓦特宽输入DC / DC转换
|
ITT, Corp.
|
ISPLSI2064V-100LJ84 ISPLSI2064V-100LJ84I ISPLSI206 |
3.3V High Density Programmable Logic 3.3V High Density Programmable Logic 3.3高密度可编程逻辑 3.3V High Density Programmable Logic EE PLD, 15 ns, PQCC84
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|