PART |
Description |
Maker |
10-200RV 14-200RV 14-300RV 10-250RV 10-100RV 8-200 |
GASDRUCKFEDER GROESSE 10 HUB 200 Inhalt pro Packung: 2 Stk. GASDRUCKFEDER GROESSE 14 HUB 200 Inhalt pro Packung: 2 Stk. GASDRUCKFEDER GROESSE 14 HUB 300 Inhalt pro Packung: 2 Stk. GASDRUCKFEDER GROESSE 10 HUB 250 Inhalt pro Packung: 2 Stk. GASDRUCKFEDER GROESSE 8 HUB 200 Inhalt pro Packung: 2 Stk. GASDRUCKFEDER GROESSE 8 HUB 150 Inhalt pro Packung: 2 Stk. GASDRUCKFEDER GROESSE 14 HUB 400 Inhalt pro Packung: 2 Stk. GASDRUCKFEDER GROESSE 14 HUB 500 Inhalt pro Packung: 2 Stk. Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer Voltage Detectors in 4-Bump (2 x 2) Chip-Scale Package GASDRUCKFEDER GROESSE 14 HUB 100 Inhalt pro Packung: 2 Stk. GASDRUCKFEDER GROESSE 14轮毂100 Inhalt亲Packung沙头角 GASDRUCKFEDER GROESSE 10 HUB 300 Inhalt pro Packung: 2 Stk. GASDRUCKFEDER GROESSE 10轮毂300 Inhalt亲Packung沙头角 GASDRUCKFEDER GROESSE 10 HUB 100 Inhalt pro Packung: 2 Stk. GASDRUCKFEDER GROESSE 10轮毂100 Inhalt亲Packung沙头角 GASDRUCKFEDER GROESSE 6 HUB 200 Inhalt pro Packung: 2 Stk. GASDRUCKFEDER GROESSE 6轮毂200 Inhalt亲Packung沙头角
|
CTS, Corp. Molex, Inc. WIMA
|
2N6796LCC4 |
N-Channel Power MOSFET(Vdss00VId(cont).4A,Rds(on).18ΩN沟道功率型MOS场效应管(Vdss00VId(cont).4A,Rds(on).18Ω
|
SEME-LAB[Seme LAB]
|
AU9472R2 |
USB keyboard with 2-port hub and multimedia control hub
|
Alcor Micro Corp
|
IRFM250 |
N-Channel Power MOSFET(Vdss:200V,Id(cont):27.4A,Rds(on):0.100Ω)(N沟道功率MOS场效应管(Vdss:200V,Id(cont):27.4A,Rds(on):0.100Ω)) N沟道功率MOSFET(减振钢板基本:200伏,身份证(续)7.4A,的Rds(on):0.100Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00伏,身份证(续)7.4A时,RDS(对):0.100Ω))
|
Electronic Theatre Controls, Inc. SEME-LAB Seme LAB
|
IRFN340SMD |
N-Channel Power MOSFET(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω)(N沟道功率MOS场效应管(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
IRFN140SMD |
ER CET 0 22 A, 100 V, 0.125 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Power MOSFET(Vdss:100V,Id(cont):13.9A,Rds(on):0.077Ω)(N沟道功率MOS场效应管(Vdss:100V,Id(cont):13.9A,Rds(on):0.077Ω)) N沟道功率MOSFET(减振钢板基本:100V的,身份证(续)3.9A,的Rds(on):0.077Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本100V的,身份证(续)3.9A时,RDS(对):0.077Ω))
|
TT electronics Semelab, Ltd. International Rectifier, Corp. Seme LAB
|
ICS954201 ICS954201YFLNT ICS954201YGLNT |
16-Bit Registered Transceivers With 3-State Outputs 56-TSSOP -40 to 85 Programmable Timing Control Hub??for Mobile P4??Systems PROGRAMMABLE TIMING CONTROL HUB⒙ FOR MOBILE P4⒙ SYSTEMS From old datasheet system Clock Synthesizer Programmable Timing Control Hub?/a> for Mobile P4?/a> Systems Programmable Timing Control Hub for Mobile P4 Systems
|
Integrated Circuit Systems ICS
|
AMD-8111 |
AMD-8111 HyperTransport I/O Hub Data Sheet AMD-8111 HyperTransport I/O Hub Revision Guide
|
Advanced Micro Devices
|
SML80H14 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 13.5 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω))
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
NJU26105 |
AGC/eala BASS/T.cont/PEQ/Vol./HPF / QFP32-R1
|
JRC
|
0528932095 |
0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
|
Molex Electronics Ltd.
|