PART |
Description |
Maker |
AK9824 AK9824M AK9822 AK9822M |
2ch 8bit DA 4Kbit EEPROM 2ch 8bit DA 2Kbit EEPROM 2K / 4Kbit EEPROM with 2ch 8bit D/A Converter Aluminum Snap-In Capacitor; Capacitance: 2200uF; Voltage: 160V; Case Size: 35x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 160V; Case Size: 30x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 160V; Case Size: 20x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 160V; Case Size: 35x35 mm; Packaging: Bulk 2K / 4Kbit通道8位的EEPROM / A转换
|
http:// AKM[Asahi Kasei Microsystems] Asahi Kasei Microsystems Co.,Ltd Asahi Kasei Microsystems Co., Ltd.
|
2SA1011 2SA1011D |
TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 1.5A I(C) | TO-220AB POWER TRANSISTORS(1.5A/160V/25W) POWER TRANSISTORS(1.5A,160V,25W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
2SA1418 2SC3648 2SC3648T 2SA1418T 2SC3648S |
High-Voltage Switching/ Predriver Applications High-Voltage Switching Predriver Applications High-Voltage Switching, Predriver Applications TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 700MA I(C) | SOT-89 TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 700MA I(C) | SOT-89 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 160V五(巴西)总裁| 700mA的一(c)|采用SOT - 89
|
SANYO[Sanyo Semicon Device]
|
DXT5551P5 DXT5551P5-13 |
160V NPN HIGH VOLTAGE TRANSISTOR PowerDI垄莽5
|
Diodes Incorporated
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
BU426 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 20 Watts HIGH VOLTAGE POWER SWITCH
|
意法半导 ST Microelectronics STMicroelectronics
|
BSS38 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 2:1 Wide Input Voltage Range; 10 Watts NPN SILICON TRANSISTOR
|
MICRO-ELECTRONICS[Micro Electronics]
|
BSX48 Q60218-X49 BSX49 Q60218-X48 |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 5V; 4:1 Wide Input Voltage Range; 10 Watts NPN SILICON PLANAR TRANSISTORS
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MAX811 MAX811EUS-T MAX811-MAX812 MAX812EUS-T MAX81 |
Microprocessor voltage monitor with manual reset input. Reset threshold voltage 4.38V Hex D-type Flip-Flops With Clear 16-CDIP -55 to 125 4-Pin レP Voltage Monitors with Manual Reset Input 4-Pin P Voltage Monitors with Manual Reset Input
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
DZT5551-15 |
160V NPN VOLTAGE TRANSISTOR IN SOT223
|
Diodes Incorporated
|