PART |
Description |
Maker |
TC530 TC534 TC534CPL TC530COI TC530CPJ TC534CKW |
The TC530/534 are serial analog data acquisition subsystems ideal for high precision measurements (up to 17bits plus sign). The TC530 consists of a dual slope integrating A/D converter, negative power supply generator and 3 wire serial int 5V Precision Data Acquisition Subsystems
|
MICROCHIP[Microchip Technology]
|
HA9P5320-5 HA9P5320-9 HA3-5320-5 HA1-5320-2 HA1-53 |
1 Microsecond Precision Sample and Hold Amplifier SAMPLE AND HOLD AMPLIFIER, 1 us ACQUISITION TIME, PDIP14 1 Microsecond Precision Sample and Hold Amplifier SAMPLE AND HOLD AMPLIFIER, 1 us ACQUISITION TIME, PDSO16 1 Microsecond Precision Sample and Hold Amplifier SAMPLE AND HOLD AMPLIFIER, 1 us ACQUISITION TIME, CDIP14 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AM27C020 AM27C020-255DCB AM27C020-255DI AM27C020-1 |
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors; Package: SO; No of Pins: 18; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition System; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C Ultralow Power Single/Dual Comparator with Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储 Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 8-Channel Analog Multiplexer with Cascadable Serial Interface; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 3.3V Low Power EIA/TIA-562 Transceiver; Package: PDIP; No of Pins: 18; Temperature Range: -40°C to 85°C 3.3V Low Power EIA/TIA-562 Transceiver; Package: PDIP; No of Pins: 18; Temperature Range: 0°C to 70°C Single Chip 10-Bit Data Acquisition System; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit, 800ksps Sampling A/D Converter with Shutdown; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C 14-Bit, 800ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 1, 2, 6 and 8 Channel, 10-Bit Serial I/O Data Acquisition Systems; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 300ksps Sampling A/D Converters with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors; Package: SO; No of Pins: 18; Temperature Range: 0°C to 70°C High Performance Switched Capacitor Universal Filter; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition System; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition Systems; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C IC,EPROM,256KX8,CMOS,DIP,32PIN,CERAMIC
|
amd
|
MAX1358B |
Data-Acquisition System
|
Maxim Integrated Products
|
XE8805AMI028LF XE8805MI028 SX8805RXXX XE8805AMI000 |
Data Acquisition MCU
|
Semtech Corporation
|
SX8724S |
ZoomingADC for sensing data acquisition
|
Semtech Corporation
|
AD1362 |
16-Channel, 12-Bit Data Acquisition System
|
Analog Devices
|
MAX180AEQL |
Single-Ended Data Acquisition System
|
Maxim Integrated Products, Inc.
|
AD7716BS AD7716BP AD7716 |
LC2MOS 22-Bit Data Acquisition System
|
AD[Analog Devices]
|