PART |
Description |
Maker |
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
2N1420 2N1131A 2N1132B 2N1482 2N1573 2N1574 2N1053 |
Time (Seconds):1-20; Operating Voltage:250V RoHS Compliant: Yes Small Signal Transistors Leaded Small Signal Transistor General Purpose
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers Microsemi Corporation ETC[ETC] Central Semiconductor
|
BC368 BC368ZL1 BC369ZL1G BC368ZL1G BC369 BC369ZL1 |
Amplifier Transistors 1000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors 1000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Plastic Transistor
|
ONSEMI[ON Semiconductor]
|
MPSA94 PN3563 PN3566 PN3640 MPSA45 MPSA28 PN3568 P |
Small Signal Transistors Small Signal Transistors PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MMBF4391LT1 MMBF4391LT1G MMBF4392L MMBF4393LT1G MM |
Small Signal JFET JFET Switching Transistors 30 V, N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-236AB JFET Switching Transistors 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236
|
ONSEMI[ON Semiconductor]
|
2N3134 2N3299 2N3252 2N3439 2N2854 2N2855 2N3110 2 |
SHROUDED HEADER 14 POS RT ANGLE NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 HEADER, 100MIL, 10PIN, VERTICAL, TH SHROUDED HEADER 10 POS RT ANGLE CONN, HEADER 2X5 PINS .10X.10 CENTERS STRAIGHT SHROUDED,LOW
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] http://
|
UMT3904 SST3904 2N3904 MMST3904 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) NPN General Purpose Transistor
|
ROHM[Rohm]
|
MMSTA06 SSTA06 MPSA06 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) NPN General Purpose Transistor
|
ROHM[Rohm]
|
|