PART |
Description |
Maker |
Q67000-A9284-X201-K5 Q67000-A9310-A702 |
High Performance Power Combi Controller
|
SIEMENS AG
|
TDA16888 TDA16888G |
Power Control ICs - High Performance Power Combi Controller
|
Infineon Technologies AG Siemens Semiconductor Group
|
SC1214 |
High Speed - Combi-Sense Two-Phase - Synchronous MOSFET Driver
|
Semtech
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ICL7665 ICL7665S ICL7665SACBA ICL7665SACPA ICL7665 |
CMOS Micropower Over/Under Voltage Detector 微处理器电压监测器,带有双路过压/欠压检 Low-Power High-Performance Impact<TM> PAL<R> Circuits 28-PLCC 0 to 75 Low-Power High-Performance Impact<TM> PAL<R> Circuits 24-PDIP 0 to 75
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
5962-9951901QYA 5962-9951902QYA 5962-9952001QYA 59 |
5V, ISR high-performance CPLDs, 64 macrocells, 125MHz 5V, ISR high-performance CPLDs, 64 macrocells, 154MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 128 macrocells, 83MHz 3.3V, ISR high-performance CPLDs, 256 macrocells, 66MHz 5V, ISR high-performance CPLDs, 512 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 512 macrocells, 66MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 143MHz
|
Cypress
|
HSMH-C220 HSMA-C220 HSMD-C220 HSML-C220 HSMS-C220 |
Agilent HSMH-C220 High Performance ChipLED Agilent HSMA-C220 High Performance ChipLED Agilent HSMD-C220 High Performance ChipLED 安捷伦HSML - C220高性能采用的ChipLED 安捷伦硬件安全模 C220高性能采用的ChipLED 安捷伦HSMY - C220高性能采用的ChipLED Agilent HSMG-C220 High Performance ChipLED 安捷伦HSMG - C220高性能采用的ChipLED Agilent HSMS-C220 High Performance ChipLED
|
Sanken Electric Co., Ltd.
|
AD8014 AD8014ACHIPS AD8014AR AD8014ART AD8014ART-R |
400 MHz Low Power High Performance Amplifier OP-AMP, 6000 uV OFFSET-MAX, PDSO5 400 MHz, Low Power, High Performance Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
RFS1003 PRFS-1003-0009 PRFS-1003-0005 PRFS-1003-00 |
From old datasheet system 5.1-5.9 GHz U-NII Power Amplifier The RFS1003 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in transmit applications in the 5.1-5.9 ...
|
ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
HCMS-39X2 HCMS-3902 HCMS-3904 HCMS-3912 HCMS-3914 |
HCMS-3974 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3972 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3964 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3962 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3914 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3912 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3904 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3902 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays 3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|