PART |
Description |
Maker |
Z86E6116VSC Z86E6116PSC |
8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 Z86E61/Z86E63 CMOS Z8 16K/32K EPROM Microcontroller
|
ZILOG INC Zilog, Inc.
|
P87C58X2FA P87C52 P87C54 80C52 80C52X2 P80C31X2 P8 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 80C51位单片机系列4K/8K/16K/32K的ROM / RAM的检察官办公28B/256B低电.7.5 V,低功耗,高33分之30兆赫 80C51 8-bit microcontroller family 4K-8K-16K-32K ROM-OTP 128B-256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30-33 MHz)
|
存储 NXP Semiconductors N.V.
|
XA-G37 PXAG37KFA PXAG37KBA PXAG37KBBD PXAG37KFBD |
XA 16位微控制器系2K的检察官办公室512字节的RAM。看门狗2个UART XA 16-bit microcontroller family 32K OTP. 512 B RAM. watchdog. 2 UARTs XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
|
NXP Semiconductors
|
AT89C51RC AT89C51RC-24AC AT89C51RC-33PC AT89C51RC- |
8-bit Microcontroller with 32K Bytes Flash
|
ATMEL[ATMEL Corporation]
|
PXAS31KFA PXAS31KFBE |
XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
|
Philips Semiconductors
|
HN27C256G HN27C256G-17 HN27C256G-25 HN27C256G-20 |
256K (32K x 8-bit) UV EPROM, 200ns 256K (32K x 8-bit) UV EPROM, 250ns 32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM 256K (32K x 8-bit) UV EPROM, 170ns
|
Hitachi Semiconductor
|
AT89C51RB2-3CSUM AT89C51RC2-3CSUM 89C51RC2-UL 89C5 |
8-bit Microcontroller with 16K/ 32K Bytes Flash
|
ATMEL Corporation
|
89C51RB2-IL 89C51RC2-IL AT89C51RC2-3CSIM AT89C51RC |
8-bit Microcontroller with 16K/ 32K Bytes Flash
|
http:// ATMEL Corporation
|
ATMEGA329P1 |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
ATMEGA32 |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
ATMEGA329V |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
|
ATMEL Corporation
|