PART |
Description |
Maker |
MPX10GP MPX10GVP MPX10 MPX10D MPX10DP MPX10GS MPX1 |
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL) 00千帕-1.45 PSI)的35压全尺寸跨度(典型) 0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL) GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-1.45Psi, 1%, 20-80mV, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
MPX12GSX MPX12 MPX12D MPX12DP MPX12GP MPX12GS |
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL) 00千帕-1.45 PSI)的35压全尺寸跨度(典型)
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
MPX200 MPX200A MPX200AP MPX200AS |
0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
|
Motorola, Inc
|
MPXHZ6130A6U MPXHZ6130A6T1 MPXHZ6130A MPXHZ6130AC6 |
INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
|
Freescale Semiconductor, Inc
|
MPX5050 MPX5050D MPX5050DP MPX5050GP MPX5050GS MPX |
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 50 kPa (0 to 7.25 psi) 0.2 to 4.7 Volts Output
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
MPX4105 MPX4105A |
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 105 kPa (2.18 to 15.2 psi) 0.31 to 4.90 Volts Output
|
http:// MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
SC68C94C1N SC68C94A1N SC68C94A1A SC68C94C1A |
nullQuad universal asynchronous receiver/transmitter QUART Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 50 psi, Gage, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 50 psi, Gage, flush mount, 10 Vdc excitation
|
NXP SEMICONDUCTORS Philips Semiconductors
|
SC321 SC321-2 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 500 psi, Gage, flush mount with flange, 10 Vdc excitation FAST RECOVERY DIODE
|
FUJI ELECTRIC HOLDINGS CO., LTD. ETC[ETC] FUJI[Fuji Electric] List of Unclassifed Manufacturers
|
SC4041ASK SC4041DS SC4041CZ SC4041EZ SC4041 SC4041 |
PRECISION SHUNT VOLTAGE REFERENCE Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 精密并联型电压基
|
SEMTECH[Semtech Corporation] Semtech, Corp.
|
HSCDRND001PG2A3 HSCDRND001PG2A5 HSCDRND001PG3A3 HS |
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
|
Honeywell Solid State E... Honeywell Solid State Electronics Center
|