PART |
Description |
Maker |
MPX700GVSX MPX700 MPX700A MPX700AP MPX700AS MPX700 |
0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
MPX200 MPX200A MPX200AP MPX200AS |
0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
|
Motorola, Inc
|
MPXHZ6130AC6T1 MPXHZ6130A6T1 |
INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
|
飞思卡尔半导体(中国)有限公司
|
MPX4200 MPX4200A MPX4200AP MPX4200AS MPX4200ASX |
INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
|
MOTOROLA[Motorola, Inc]
|
SSC |
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,1 psi to 150 psi
|
Honeywell Solid State Electronics Center
|
MPXV2102G MPX2102 |
100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
Motorola
|
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 3-pin Low Power Loss Voltage Regulato r(100mA Type) Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation Series 3-Pin Low Power Loss Voltage Regulator Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 3-pin Low Power Loss Voltage Regulato (100mA Type)
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
SC4000 |
Universal Timeslot Interchange Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
NXP Semiconductors Philips Semiconductors
|
SC201 |
Pressure Transducer, Series 19 mm, Uncompensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, flush mount, 10 Vdc excitation FAST RECOVERY DIODE
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
SC321 SC321-2 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 500 psi, Gage, flush mount with flange, 10 Vdc excitation FAST RECOVERY DIODE
|
FUJI ELECTRIC HOLDINGS CO., LTD. ETC[ETC] FUJI[Fuji Electric] List of Unclassifed Manufacturers
|
|