PART |
Description |
Maker |
AD9668501 78019032A 7801903EA AD96685 AD96685-REEL |
Ultra Fast ECL Single Comparator Ultra Fast ECL Dual Comparator Ultrafast Comparators
|
Analog Devices
|
MAX9691 MAX9691EPA MAX9691ESA MAX9691EUA MAX9692 M |
Single/Dual / Ultra-Fast / ECL-Output Comparators with Latch Enable Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
|
MAXIM[Maxim Integrated Products]
|
746LT3 738BT3 738LT4 746LT1 746LT2 746BT4 730BT1 7 |
Low-Jitter, 8kHz Reference Clock Synthesizer Outputs 35.328MHz LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver 4-Port LVDS and LVTTL-to-LVDS Repeaters High-Precision Clock Generators with Integrated VCXO Dual/Quad/Single, High-Speed, Ultra-Low-Power, Single-Supply TTL Comparators 模拟IC Single/Dual/Quad, Ultra-High-Speed, 3V/ 5V, Beyond-the-Rails Comparators 模拟IC Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators 模拟IC
|
Aavid Thermalloy, LLC Renesas Electronics, Corp. Vishay Intertechnology, Inc.
|
MC10H106 MC100EL29DWR2 MC10H117 MC10H117FN MC100EP |
Triple 4-3-3-Input NOR Gate 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing 5V ECL 2-Input XOR/XNOR 4-Wide OR-AND/OR-ANDbar Gate 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL ÷2 Divider 5V ECL Differential Data and Clock D Flip-Flop
|
ON Semiconductor
|
MC100H646 MC100EP445FA MC100E156FNR2 MC100EPT22D M |
PECL/TTL-TTL 1:8 Distribution Chip 3.3V / 5VECL 8-Bit Serial/Parallel Converter 5V ECL 3-Bit 4:1 Mux-Latch 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V / 5V 2-Input Differential AND/NAND 3.3V / 5V ECL ÷2 Divider 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip 5V ECL Low Impedance Driver
|
ON Semiconductor
|
MC100ELT23 MC100EL12DTR2 MC10H131FNR2 MC100H640FNR |
5V Dual Differential PECL to TTL Translator 5V ECL Low Impedance Driver Dual Type D Master-Slave Flip-Flop ECL/TTL Clock Driver 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V / 5V ECL ÷4 Divider Quad 2-Input NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator
|
ON Semiconductor
|
MB810 MB81 MB82 MB86 MB84 MB88 MB805 |
8.0A, 1000V ultra fast recovery rectifier 8.0A, 50V ultra fast recovery rectifier 8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
MCC Micro Commercial Components
|
MC10E165206 MC10E1652L MC10E1652 MC10E1652FN MC10E |
5V, −5V ECL Dual ECL Output Comparator with Latch
|
ONSEMI[ON Semiconductor]
|
ADCMP56305 ADCMP563BCP-R2 ADCMP563BCP-RL7 ADCMP563 |
Dual High Speed ECL Comparator 16 - Lead QSOP; Package: LFCSP (3x3mm, 1.50mm exposed pad); No of Pins: 16; Temperature Range: Commercial DUAL COMPARATOR, 10000 uV OFFSET-MAX, 0.83 ns RESPONSE TIME, QCC16 Dual, High Speed ECL Comparators
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MAX9386 MAX9387 MAX9388EUP MAX9386EEP MAX9386EUP M |
Differential 5:1 or 4:1 ECL/PECL Multiplexers with Single/Dual Output Buffers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] http://
|
MUR260S |
Ultra Fast Recovery Pack: DO-41 GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:2.0A
|
Gulf Semiconductor
|