PART |
Description |
Maker |
MAX756 MAX756C_D MAX756CPA MAX756CSA MAX756EPA MAX |
10-Line To 4-Line And 8-Line To 3-Line Priority Encoders 20-LCCC -55 to 125 1 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDIP8 3.3V/5V/Adjustable-Output / Step-Up DC-DC Converters From old datasheet system 3.3V/5V/Adjustable-Output Step-Up DC-DC Converters 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LM317MSTT3 LM317MBDT LM317MABDT LM317MABDTRK LM317 |
500 mA Adjustable Output,Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 Three-Terminal Adjustable Output Positive Voltage Regulator 500mA, Adjustable Output, Positive Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
LND317 |
Output voltage range adjustable from 1.2V to 37V, output current capability of 1.5A max.
|
LinearDimensions
|
ICM7372Q ICM7352 ICM7352Q ICM7352QG ICM7332 ICM733 |
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
|
IC MICROSYSTEMS
|
ICM7353 |
Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain 12/10/8-Bit电压输出DAC的串行接口,具有可调节输出增
|
IC MICROSYSTEMS Sdn. Bhd.
|
MC33269DR2-3.3G MC33269D MC33269T-5.0 MC33269DT NC |
800 mA, Adjustable Output, Low Dropout Voltage Regulator 1.225 V-1.275 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800 mA, Adjustable Output, Low Dropout Voltage Regulator 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800mA, Low Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
6736 L5994A |
ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER From old datasheet system
|
ST Microelectronics STMicroelectronics
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
MAX757 |
3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters(???,楂????姝ュ?DC-DC?????
|
Maxim Integrated Products, Inc.
|
SN317MD SN317MPI |
[ 0.5 A Adjustable Output ] Positive Voltage Regulator
|
KODENSHI KOREA CORP.
|
BD5323FVE BD5324FVE BD5325FVE BD5326FVE BD5327FVE |
Voltage Detector IC with Adjustable Output Delay
|
ROHM[Rohm]
|