PART |
Description |
Maker |
AD7835AP AD7835AS AD7834BN AD7835 AD7834AR |
14-Bit Quad DAC(14浣??D/A杞???? LC2MOS Quad 14-Bit DAC 2.35V-5.25V, 12 bit, 1MSPS, Serial ADC 6-SC70 -40 to 125 QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 14-BIT DAC, PDIP28 LC2MOS Quad 14-Bit DAC
|
http:// Analog Devices, Inc.
|
MAX5253 MAX5253ACAP MAX5253ACPP MAX5253AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDIP20 3V / Quad / 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V Quad 12-Bit Voltage-Output DAC with Serial Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX526DMYG/883B |
Calibrated, Quad, Voltage-Output, 12-Bit DAC QUAD, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24
|
Maxim Integrated Products, Inc.
|
AD664KN-UNI AD664SD-BIP AD664JN-BIP AD664JN-UNI AD |
Monolithic 12-Bit Quad DAC QUAD, PARALLEL, WORD INPUT LOADING, 10 us SETTLING TIME, 12-BIT DAC, PQCC44 PQ II HIP 7 REV A VR
|
http:// Analog Devices, Inc.
|
AD7399BRU AD7398BR-REEL AD7398BRZ AD7398BRZ-REEL7 |
Quad, Serial-Input 10-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO16 Quad, Serial-Input 12-Bit/10-Bit DACs
|
Analog Devices, Inc.
|
AD7225LR-REEL AD7225LP-REEL |
PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO24 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
|
ANALOG DEVICES INC
|
MAX530BCAGT MAX520ACWE MAX531ACSDT MAX5184ETG MAX5 |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC PARALLEL, WORD INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO24 Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs QUAD, SERIAL INPUT LOADING, 2 us SETTLING TIME, 8-BIT DAC, PDSO16 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs SERIAL INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO14 10-Bit, 40MHz, Current/Voltage-Output DACs PARALLEL, WORD INPUT LOADING, 0.025 us SETTLING TIME, 10-BIT DAC, QCC24 5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC PARALLEL, WORD INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDIP24 2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDIP8 8-Bit, 40MHz, Current/Voltage-Output DACs PARALLEL, 8 BITS INPUT LOADING, 0.025 us SETTLING TIME, 8-BIT DAC, PDSO24 Low-Power, Serial, 12-Bit DACs with Force-Sense Voltage-Output SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO16 Octal, Serial, 8-Bit DAC with Output Buffers OCTAL, SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO24 QUAD, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 Octal, 14-Bit, Voltage-Output DAC with Parallel Interface for ATE QUAD, PARALLEL, WORD INPUT LOADING, 12-BIT DAC, CDIP24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
S9418P S9418S |
Quad 8-bit nonvolatile DACPOT
|
SUMMIT Microelectronics
|
AD5327ARU-REEL7 AD5307ARU AD5307BRUZ-REEL AD5307BR |
2.5 V to 5.5 V, 400 µA, Quad Rail-To-Rail Output 12-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 2.5 V to 5.5 V, 400 µA, Quad Voltage Output 8-Bit DAC in a 16-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 400 muA, Quad Voltage Output 2.5 V to 5.5 V, 400 μA, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP 2.5 V to 5.5 V, 400 muA, Quad Voltage Output
|
Analog Devices, Inc.
|
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962-9176402M3A 5962-9176401MXA 5962-9176404M3A 59 |
Quad 12-Bit DAC Voltage Output with Readback Reset to Mid-Scale Quad 12-Bit DAC Voltage Output with Readback Reset to Zero Code
|
Analog Devices
|
X9241WP X9241WPI X9241WPM X9241WS X9241WSI X9241WS |
Bridge Rectifier; Phases:Three; Repetitive Reverse Voltage Max, Vrrm:1600V; Forward Current Avg Rectified, IF(AV):150A; Forward Voltage Max, VF:1.35V; Package/Case:G18; Forward Current:150A; Forward Voltage:1.35V 四E2POT⑩非易失数字电位 Quad E2POT Nonvolatile Digital Potentiometer Quad E2POT??Nonvolatile Digital Potentiometer Quad E2POT⑩ Nonvolatile Digital Potentiometer
|
PATLITE, Corp. XICOR[Xicor Inc.]
|
|