PART |
Description |
Maker |
STR-BS6301 STRS6301 STR-S6301 |
Low Leakage Diodes; Package: PG-SOT23-3; Configuration: Dual; VR (max): 80.0 V; IF (max): 200.0 mA; IR (max): 5.0 nA; trr (max): 1,500.0 ns; SWITCHING REGULATOR HYRRTD lC
|
Sanken Electric Co.,Ltd.
|
BAT54CW BAT54SW BAT54AW BAT54W BAT54CWT/R BAT54WSE |
Schottky barrier (double) diodes - Cd max.: 10@VR=1V pF; Configuration: dual c.c. ; IF max: 200 mA; IFSM max: 600 A; IR max: 2@VR=25VA; VFmax: 400@IF=10mA mV; VR max: 30 V Schottky barrier double diodes
|
NXP Semiconductors / Philips Semiconductors PHILIPS[Philips Semiconductors]
|
P2681A-08TT P2681A P2681A-08SR P2681A-08ST P2681A- |
ICs for Inductive Proximity Switches; Package: S--0; VCC (min): 3.1 V; VCC (max): 40.0 V; ICC (max): 0.84 mA; IQ (max): 60.0 mA; Operating Temperature (min): -40.0 degC; General Purpose EMI Reduction IC
|
ALSC[Alliance Semiconductor Corporation]
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
FAN1117AD285X FAN1117AT33X FAN1117AS285X |
FETs - Nch 60VFETs - Nch 150VFETs - Nch 150V2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2
|
FAIRCHILD SEMICONDUCTOR CORP
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|
T308N2000TOF |
2.0kV V[drm] Max., 308A I[T] Max. Silicon Controlled Rectifier
|
Telefunken Electronic
|
CMRA6065 CMRA6065EP |
Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:140Vrms; Control Voltage Min:90Vrms; Load Current Max:65Arms; Switching:Zero Cross RoHS Compliant: Yes TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
2PD602AS 2PD602AQ 2PD602AR |
High current (max. 500 mA) Low voltage (max. 50 V).
|
TY Semiconductor Co., Ltd
|
FL75L20A-12 |
Delphi Series Filter Module - FL75L20 75Vdc max input, 20A max output current
|
Delta Electronics, Inc.
|