PART |
Description |
Maker |
MAX5170 MAX5170AEEE MAX5170BEEE MAX5172AEEE MAX517 |
Low-Power, Serial, 14-Bit DACs with Voltage Output SERIAL INPUT LOADING, 18 us SETTLING TIME, 14-BIT DAC, PDSO16 Low-Power / Serial / 14-Bit DACs with Voltage Output
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
MAX531BCSDT |
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs SERIAL INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO14
|
Maxim Integrated Products, Inc.
|
MAX5170AEEE-T MAX5170BEEE |
Low-Power, Serial, 14-Bit DACs with Voltage-Output SERIAL INPUT LOADING, 18 us SETTLING TIME, 14-BIT DAC, PDSO16
|
Maxim Integrated Products, Inc.
|
MC54HC597AJ MC74HC597AD MC74HC597ADT MC74HC597AN O |
8-Bit Serial or Parallel-Input/Serial-Output Shift Register with Input Latch HC/UH SERIES, 8-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16 From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc ON Semiconductor
|
MC54HC589A MC54_74HC589A ON1481 |
8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output 8-BIT SERLAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER WITH 3-STATE OUTPUT From old datasheet system
|
MOTOROLA[Motorola Inc] ON Semi
|
MAX176 MAX176BCWE MAX176ACWE MAX176ACPA MAX176BCPA |
Serial Output 12 Bits ADC(串行输出250ksps,串行2位ADC) 串行输出250ksps2位ADC,带有采保持和电压基 Serial Output 12 Bits ADC(串行输出B>250ksps,串行2位ADC) Serial-Output, 250ksps 12-Bit ADC with T/H and Reference Replaced by TMS320C6410 : Digital Signal Processors 68-PLCC 0 to 0 Replaced by TMS320C6410 : Digital Signal Processors 68-PLCC 0 to 70 Circular Connector; No. of Contacts:37; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-37 RoHS Compliant: No ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Serial-Output, 250Ksps 12-Bit ADC with T/H and Refernce 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
Maxim Integrated Produc... http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAX5442 MAX5442ACUB MAX5442AEUB MAX5442BCUB MAX544 |
3V/ 5V Serial-Input Voltage-Output 16-Bit DACs " 3V/ 5V, Serial-Input, Voltage-Output, 16-Bit DACs" 3V/ 5V, Serial-Input, Voltage-Output, 16-Bit DACs V / 5V的,串行输入,电压输出,16位DAC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
NJU3718 NJU3718G NJU3718L NJU3718GTE1 |
20 bit Serial to Parallel Converter 20-BIT SERIAL TO PARALLEL CONVERTER 20-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO28 SOP-28
|
NJRC[New Japan Radio]
|
MC54HC597AJ |
8-Bit Serial or Parallel-Input/Serial-Output Shift Register with Input Latch HC/UH SERIES, 8-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP16
|
Motorola Mobility Holdings, Inc.
|