PART |
Description |
Maker |
M27W102 M27W102-80K6 M27W102-80N6 |
1 MBIT (64KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM 1 MBIT (64KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics
|
M27V800-150XM1TR M27V800 M27V800-100B1TR M27V800-1 |
NND - 8 MBIT (1MB X8 OR 512KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM 8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM 8兆x812KB的x16低压紫外线可擦写可编程只读存储器和OTP存储 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27V102 |
NND - 1 MBIT (64KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM
|
SGS Thomson Microelectronics
|
M29F102BB35K1T M29F102BB35N1T M29F102BB45K1T M29F1 |
1 Mbit 64Kb x16, Boot Block Single Supply Flash Memory 1兆位64Kb的x16插槽,启动座单电源闪 1 Mbit 64Kb x16 / Boot Block Single Supply Flash Memory 1 Mbit (64Kb x16, Boot Block) Single Supply Flash Memory
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M27V322-100F1 M27V322-150XP6 M27V322 M27V322-100B1 |
32 Mbit 2Mb x16 Low Voltage UV EPROM and OTP EPROM 32 Mbit 4Mb x8 or 2Mb x16 OTP EPROM Fuses, 150mA 250V SB 5X15 BULK 32 Mbit 2Mb x16 Low Voltage UV EPROM and OTP EPROM 32兆位Mb x16低压紫外线EPROM和检察官办公室存储器
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|
M29F100BB M29F100BT 6612 |
1 Mbit (128Kb x8 or 64Kb x16, Boot Block)Single Supply Flash Memory From old datasheet system
|
STMicro
|
M58LW064 M58LW064BT M58LW064A150T6T M58LW064AZA M5 |
64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories 64兆位x16和x16/x32,块擦除低压闪存
|
意法半导 STMicroelectronics N.V.
|
M27W202 M27W202-100B6TR M27W202-100F6TR M27W202-10 |
2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM 2兆位128KB的x16低压紫外线可擦写可编程只读存储器和OTP存储 3-Line To 8-Line Decoders/Demultiplexers 16-SOIC 0 to 70 Triple 3-Input Positive-AND Gates 14-SO 0 to 70 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M36W0R6030B0ZAQ M36W0R6030T0 M36W0R6030T0ZAQ M36W0 |
64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 8 Mbit (512Kb x16) SRAM, Multi-Chip Package
|
ST Microelectronics
|
M28W320C-GBT M28W320CB100GB1T M28W320CB100GB6T M28 |
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory 32 Mbit 2Mb x16, Boot Block Low Voltage Flash Memory 32 Mbit 2Mb x16/ Boot Block Low Voltage Flash Memory Quadruple ESD transient voltage suppressor - Cd max.: 50 pF; IRM max: 0.1A; Number of protected lines: 4 ; PPP max: 0 W; VBR typ.: 20 V; VRWM: 15 V Quadruple ESD transient voltage suppressor - Cd max.: 200 pF; IRM max: 0.7A; Number of protected lines: 4 ; PPP max: 0 W; VBR typ.: 6.2 V; VRWM: 4 V
|
意法半导 STMicroelectronics
|
M29W200BB55N6T M29W200BB70M1 M29W200BB70N6 M29W200 |
2 MBIT (256KB X8 OR 128KB X16, BOOT BLOCK) LOW VOLTAGE SINGLE SUPPLY FLASH MEMORY 2 MBIT (256KB X8 OR 128KB X16, BOOT BLOCK) LOW VOLTAGE SINGLE SUPPLY FLASH MEMORY
|
ST Microelectronics
|