PART |
Description |
Maker |
LST3521-S4-DN LST3521-S4-FP LST3521-S4-SC LST3521- |
XTAL 25MHZ 18PF Coaxial Pigtailed Laser Module 同轴尾纤激光模
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
M55342_01 M55342_02 M55342_03 M55342_04 M55342_05 |
QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips XTAL SMT WATCH 8X4 4PAD XTAL MTL T/H 2X6 WATCH FILTER MONO CRYSTAL 15KHZ BW SMD CRYSTAL 32.768KHZ 12.5PF CYLINDR
|
Vishay Siliconix Vishay Intertechnology,Inc. http://
|
2690-1007 2690-1015 2690-1011 2690-1009 2690-1001 |
8-18 GHz, coaxial limiter Coaxial Limiters CoaxialLimiters 2-18 GHz, coaxial limiter 2-8 GHz, coaxial limiter
|
Tyco Electronics TycoElectronics MA-Com
|
LTC3427 LTC3427EDC LTC3427EDCTRM |
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm x 2mm DFN Package; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm × 2mm DFN Package 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 】 2mm DFN Package
|
Linear Technology, Corp.
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
PLL520-40 PLL520-40DC PLL520-40DI |
CMOS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
|
PLL[PhaseLink Corporation]
|
PLL620-2XXILR PLL620-28 PLL620-2XOCL PLL620-2XXC P |
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
|
PhaseLink Corporation
|
PLL520-70 PLL520-70DC PLL520-70DI PLL520-70DM |
CMOS Low Phase Noise VCXO (for 45-90MHz Fund Xtal)
|
PLL[PhaseLink Corporation]
|
TC-200-DFF-416B-625.00MHZ TC-200 TC-200-CFC-416A-3 |
XTAL CER SMT 6X3.5 2PAD Temperature Compensated Crystal Oscillators
|
Electronic Theatre Controls, Inc. ETC[ETC] Vectron International, Inc
|
SST31LF043A-70-4C-WI SST31LF041-300-4E-WH SST31LF0 |
4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位的SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory SPECIALTY MEMORY CIRCUIT, PDSO32 XTAL MTL SMT HC49/USM 4 Mbit闪存1兆位56千位的SRAM ComboMemory XTAL CER SMT 7X5 2PAD 16-Bit Delta-Sigma ADC with internal reference, PGA and oscillator. I2C Serial Interface 6-SOT-23 DIODE SWITCH 75V 350MW SOT-23 RECTIFIER SCHOTTKY SINGLE 5A 60V 175A-Ifsm 0.7Vf 0.5A-IR SMC 3K/REEL
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|