PART |
Description |
Maker |
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
IS61VPS12836A-250B3I |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
IS62C1024-35Q IS62C1024-35QI IS62C1024 16_62C1024 |
70ns; 5V; 128K x 8 high-speed CMOS static RAM Micro LED; LED Color:Red Orange; Luminous Intensity:80ucd; Viewing Angle:140 ; Forward Voltage:2.2V; Color:Red/Orange; Package/Case:1210; Reel Quantity:3000; Wavelength:630nm RoHS Compliant: Yes 128K的8高速CMOS静态RAM 128K x 8 HIGH-SPEED CMOS STATIC RAM 128K的8高速CMOS静态RAM From old datasheet system ASYNCHRONOUS STATIC RAM 128K x 8 HIGH-SPEED CMOS STATIC RAM
|
Advanced Interconnections, Corp. SIEMENS AG Integrated Silicon Solution, Inc. ICSI[Integrated Circuit Solution Inc] Integrated Circuit Solu...
|
MSM548128BL MSM548128BL-70GS-K MSM548128BL-80GS-K |
128K X 8 PSEUDO STATIC RAM, 80 ns, PDSO32 128K X 8 PSEUDO STATIC RAM, 70 ns, PDSO32 From old datasheet system 131,072-Word x 8-Bit High-Speed PSRAM
|
OKI ELECTRIC INDUSTRY CO LTD
|
CY62136VNLL-55BAI CY62136VNLL-70BAXA CY62136VNLL-5 |
2-Mbit (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
Cypress Semiconductor Corp. SRAM Cypress Semiconductor, Corp.
|
CY62136V18 CY62136V CY62136V18MOBL2 CY62136VMOBL |
128K x 16 Static RAM(128K x 16 静态RAM) From old datasheet system
|
Cypress Semiconductor Corp.
|
CY7C1009BN-15VI |
128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
Cypress Semiconductor, Corp.
|
W24L011AQ-10 W24L011AQ-12 W24L011AQ-15 W24L011AT-1 |
128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 TRANS PNP W/RES 60HFE NEW S TYPE 128K X 8 STANDARD SRAM, 15 ns, PDSO32 Circular Connector; No. of Contacts:4; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-4 RoHS Compliant: No JT 55C 55#22M SKT PLUG HIGH SPEED SRAM
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|