PART |
Description |
Maker |
F15 F25 F20 F30 |
Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(????靛?2000V锛?钩??????娴?50mA锛?酱??????瀵?????楂??蹇???㈠??存?浜??绠々 Fast Recovery Axial Rectifier1500 V-3000 VIo=0.35 A RECTIFIER, up to 3kV, 350mA, 250ns Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压3000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压1500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Fast Recovery Axial Rectifier.1500 V-3000 V.Io=0.35 A 快速恢复轴向Rectifier.1500 V000五,木卫一\u003d 0.35
|
Semtech Corporation Microsemi, Corp.
|
BY459-1500 BY459-1500S |
Damper diode fast/ high-voltage Damper diode fast, high-voltage 1500 V, SILICON, RECTIFIER DIODE, TO-220AC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
STTB1206M |
Ultra-Fast High Voltage Diode UTRA-FAST HIGH VOLTAGE DIODE
|
ST Microelectronics STMicroelectronics
|
OM5219XX OM5218RC OM5218XX OM5235DC OM5235RC OM523 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 100V0A条高可靠性超快速共阴极二极管采用TO - 258AA封装 HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER 100V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 300V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 400V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 600V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 150V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 200V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
STTB1206D STTB1206DI |
TURBOSWITCH⑩"B".ULTRA-FAST HIGH VOLTAGE DIODE TURBOSWITCH?B.ULTRA-FAST HIGH VOLTAGE DIODE
|
ST Microelectronics STMicroelectronics
|
30BF..SERIES 30BF80 30BF10 30BF20 30BF40 30BF60 30 |
DIODE 3 A, SILICON, RECTIFIER DIODE, DO-214AB, Rectifier Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 800V 3A Ultra-Fast Discrete Diode in a SMC package 400V 3A Ultra-Fast Discrete Diode in a SMC package 600V 3A Ultra-Fast Discrete Diode in a SMC package 100V 3A Ultra-Fast Discrete Diode in a SMC package 200V 3A Ultra-Fast Discrete Diode in a SMC package
|
International Rectifier, Corp. IRF[International Rectifier] VISHAY SEMICONDUCTORS
|
STTA1212D STTA1212 |
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE TURBOSWITCH超快速高压二极管 TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
BY329X-1500S BY329X-1500 |
Damper diodes fast, high-voltage Damper diode fast, high-voltage
|
Philips
|
CMLD6263DO |
SMD Schottky Diode Dual: High Voltage: Opposing Polarity SURFACE MOUNT PICOmini DUAL OPPOSING HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
APT30DQ60BHBG |
High Voltage Fast Recovery Diode
|
Microsemi
|