PART |
Description |
Maker |
STCS1A STCS1APHR STCS1APUR |
1.5A MAX CONSTANT CURRENT LED DRIVER 1.5 A max constant current LED driver
|
ST Microelectronics STMicroelectronics
|
STCS2A STCS2ASPR |
2 A max constant current LED driver
|
STMicroelectronics
|
STCS20807 |
2 A max constant current LED driver?1
|
STMicroelectronics
|
LT1618 LT1618EMS LTC3216 LTC3490EDD LTC3490ES8 LTC |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter SINGLE CELL 350MA LED DRIVER
|
Linear Technology Corporation LINER[Linear Technology]
|
EL7513IWTZ-T7A EL7513IY EL7513IWT-T7 EL7513 EL7513 |
White LED Step-Up Regulator 0.5 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 Regulator, Step up, Constant Current Boost for 12 White LEDs, VIN =2.6/13.2V, VOUT =18V Max, 1MHz
|
Intersil, Corp. 稳压 Intersil Corporation
|
MBI5171 MBI5171CD MBI5171CDW MBI5171CN MBI5171CP |
8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
|
List of Unclassifed Manufacturers ETC
|
LT1618EDD LT1618EMS LT16181 LT1618EDDPBF LT1618EDD |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO10 Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO10
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LT1511 LT1511CSW LT1511ISW 1511FB |
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting Constant-Current/Constant-Voltage 3ABattery Charger with Input Current Limiting From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
XL6001E1 |
400KHz 32V 2A Switching Current Boost LED Constant Current Driver
|
List of Unclassifed Man...
|
XL6001 |
400KHz 32V 2A Switching Current Boost LED Constant Current Driver
|
XLSEMI
|
T6340A T6505A T6505A-ADG T6505A-AEG T6505A-BDG T65 |
T6340A provides the low-dropout bias supply and the high performance alternative solution for the white LEDs application. T6505A is designed for LED displays. The T6506A is a 3-channel constant current LED drivers. 16-channel Constant Current LED Driver with LVDS Interface 24-channel LED Driver with LVDS Interface 16-channel LED Driver with LVDS Interface 24-channel Constant Current LED Driver with LVDS Interface The T8601 is a low cost, simple, high-efficiency off-line LED driver IC. The T8611 is a simple, high voltage, linear current regulator. The T6331A are integrated, high-efficiency white or RGB LED drivers. The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The T6333A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
|
Taiwan Memory Technology THine Electronics, Inc.
|