PART |
Description |
Maker |
AD7225 AD7225LN AD7225LR AD7225LP AD7225KN AD7225K |
ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 8-BIT DAC, PDIP24 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQCC28 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
5962-89629013X 5962-8962902LX AD7569ACHIPS AD7569T |
LC2MOS Complete, 8-Bit Analog I/0 Systems LC2MOS Complete, 8-Bit Analog I/0 Systems SPECIALTY ANALOG CIRCUIT, PQCC28 LC2MOS Complete/ 8-Bit Analog I/0 Systems CMOS, Complete 8-Bit Analog I/0 Port with Single DAC Output
|
Analog Devices, Inc.
|
AD7847ANZ AD7837 AD7837AN AD7847AQ |
LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDIP24 LC2MOS Complet, Dual 12-Bit MDACs LC MOS Complete, Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDACS
|
Analog Devices, Inc.
|
AD7840JPZ AD7840SQ/883B AD7840 AD7840-15 AD7840SQ |
LC2MOS Complete 14-Bit DAC Single Chip 12-Bit Data Acquisition Systems; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL, PARALLEL, WORD INPUT LOADING, 2.5 us SETTLING TIME, 14-BIT DAC, CDIP24 Complete 14-Bit CMOS DAC SERIAL, PARALLEL, WORD INPUT LOADING, 2.5 us SETTLING TIME, 14-BIT DAC, PQCC28 LC MOS Complete 14-Bit DAC
|
Analog Devices, Inc.
|
AD7112 AD7112BR |
LC2MOS LOGDAC Dual Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO20 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Dual CMOS Multiplying DAC with Anti-Log Transfer Function for Audio Volume Control Applications
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD7537BR-REEL AD7537JPZ AD7537KN AD7537BRZ AD7537J |
LC2MOS 8 4) Loading Dual 12-Bit DAC LC2MOS (8 4) Loading Dual 12-Bit DAC
|
Analog Devices
|
AD7937 AD7937BR AD7937AR |
LC2MOS 8 4 Loading Dual 12-Bit DAC
|
AD[Analog Devices]
|
EVAL-AD5532EB AD5532ABC-1 AD5532ABC-2 AD5532ABC-3 |
32-Channel 14-Bit Bipolar Voltage-Output DAC SERIAL INPUT LOADING, 14-BIT DAC, PBGA74 32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode 32-Channel Voltage-Output 14-bit Digital-to-Analog Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
AD5541AR-REEL7 AD5541CRZ-REEL7 AD5541ARZ-REEL7 AD5 |
16-Bit Voltage-Output DAC in SO-8 Package SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDSO8 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD5516ABCZ-2 |
16-Channel 12-Bit Bipolar Voltage-Output DAC with 14-Bit Increment Mode SERIAL INPUT LOADING, 14-BIT DAC, PBGA74
|
Analog Devices, Inc. ANALOG DEVICES INC
|
|