PART |
Description |
Maker |
LCX023ELT LCX023EMT LCX038AST LCX017DLT LCX029CNT |
XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels XGA Data Projector LCD Product Line Featuring the Industry`s Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
|
SONY[Sony Corporation]
|
OP97FZ OP97EP OP97EJ OP97FP OP97EZ OP97FJ OP97AJ O |
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER OP-AMP, 200 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, MBCY8 Low Power, High Precision Operational Amplifier; Package: CERDIP GLASS SEAL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 60 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, CDIP8 LOW POWER / HIGH PRECISION OPERATIONAL AMPLIFIER LOW POWER HIGH PRECISION OPERATIONAL AMPLIFIER
|
Analog Devices, Inc. AD[Analog Devices]
|
783R3Q10-50A 727P1Q10-20K 719R1Q2-1A 720R1Q2-20K 7 |
High-Efficiency LCD Boost with True Shutdown Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators High-Speed, Low-Power Voltage Comparators 模拟IC Analog IC 模拟IC Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs 模拟IC Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 模拟IC
|
3M Company TE Connectivity, Ltd. Pletronics HIROSE ELECTRIC Co., Ltd.
|
MAX900 MAX900ACPP MAX900ACWP MAX900AEPP MAX900AEWP |
High-Speed, Low-Power Voltage Comparators High-Speed Low-Power Voltage Comparators High-Speed / Low-Power Voltage Comparators Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD847 AD847AQ AD847AR AD847JN AD847JR AD847SQ AD84 |
High Speed Low Power Monolithic Op Amp Gigabit Ethernet: 1.25 GBd 1300 nm Laser Transceiver in Low Cost 1 x 9 Package Style High Speed, Low Power Monolithic Op Amp
|
AD[Analog Devices] HP
|
2SC3357 2SC3357-T2 2SC3357RF 2SC3357-T1 |
For amplify high frequency and low noise. NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
NEC Corp.
|
WSLP0805RDEA WSLP1206RDEA WSLP0805LFEA WSLP1206LFE |
Power Metal Strip㈢ Resistors, Very High Power (to 1 W) Low Value (down to 0.001 ヘ), Surface Mount Power Metal Strip垄莽 Resistors, Very High Power (to 1 W) Low Value (down to 0.001 楼?), Surface Mount Power Metal Strip庐 Resistors, Very High Power (to 1 W) Low Value (down to 0.001 惟), Surface Mount Power Metal Strip? Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
|
Vishay Siliconix
|
WSLT4026-15 |
Power Metal Strip? Resistors, High Temperature (275 °C),High Power, Low Value, Surface Mount, 4-Terminal
|
Vishay Siliconix
|
2SC4092 2SC4092R4 2SC4092RD 2SC4092R5 2SC4092-T1 2 |
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits BJT For amplify high frequency and low noise.
|
NEC Corp. NEC[NEC]
|
AD8016ARE-EVAL AD8016ARB-EVAL AD8016ARB-REEL AD801 |
Low Power, High Output Current xDSL Line Driver ER 6C 4#16 2#8 PIN RECP WALL Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Low Power/ High Output Current xDSL Line Driver Low Power, High Output Current xDSL Line Driver DUAL OP-AMP, 3000 uV OFFSET-MAX, PDSO20
|
Analog Devices, Inc. http://
|
5962D9567002VCA 5962D9567002VCC 5962D9567002VGA HS |
Low Power, High Performance Radiation Hardened Operational Amplifier OP-AMP, 1 MHz BAND WIDTH, CDIP14 CAP 47UF 4V 25V TANT SMD-7343-43 TR-7 LOWESR-100 CONNECTOR ACCESSORY Low Power/ High Performance Radiation Hardened Operational Amplifier
|
Intersil, Corp. Intersil Corporation
|