PART |
Description |
Maker |
74VCX162373 74VCX162373MTD |
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX16373DT 74VCX16373 |
Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
|
ON Semiconductor
|
74VCX16373MTD 74VCX16373 74VCX16373MTDXNL |
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCXH16373 |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system
|
Fairchild
|
74ALVC16841 74ALVC16841MTD 74ALVC16841MTDX |
Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX841WMX 74LCX841MTCX 74LCX841MSAX |
Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
74ALVCH16373-D |
Low-Voltage 16-Bit Transparent Latch with Bus Hold 1.8/2.5/3.3 V (3-State, Non-Inverting)
|
ON Semiconductor
|
74LVTH32373GX 74LVT32373GX 74LVT32373 74LVTH32373 |
From old datasheet system Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs (Preliminary)
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MC74LCX16373-D |
Low-Voltage CMOS 16-Bit Transparent Latch With 5 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74ALVC16373MTDX 74ALVC16373 74ALVC16373GX 74ALVC16 |
Triple 3-Input Positive-AND Gates 14-SOIC -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
B120NH03L 2SA1020G 2SA1020RLRA 2SA1020RLRAG 2SA177 |
N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS PNP Silicon General Purpose Amplifier Transistor NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver Switching Diode MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET Low?Voltage 1.8/2.5/3.3V 16?Bit Transparent Latch 8?Bit Bus Switch Low?Voltage 1.8/2.5/3.3V 16?Bit Transceiver
|
STMICROELECTRONICS ZETEX ONSEMI[ON Semiconductor]
|
74VCX16373_06 74VCX16373 74VCX16373DT 74VCX16373DT |
Low−Voltage 1.8/2.5/3.3V 16−Bit Transparent Latch
|
ONSEMI[ON Semiconductor]
|