PART |
Description |
Maker |
NSS30100LT1G |
30V, 2A, Low VCE(sat) PNP Transistor(30V,2A,低VCE(sat),PNP型晶体管) 1000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 30 V, 2 A, Low Vce(sat) PNP Transistor
|
ONSEMI[ON Semiconductor]
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
CMLM0605 CMLM0605BK |
200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR SMD Module PNP Low VCE(SAT) & Low VF Schottky Diode MULTI DISCRETE MODULE⑩ SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE MULTI DISCRETE MODULE??SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE MULTI DISCRETE MODULE?/a> SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
|
CENTRAL[Central Semiconductor Corp]
|
DSS5540X-13 |
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR 4000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
DSS9110Y DSS9110Y-7 DSS9110Y-15 |
100V LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR 1000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
FZT1149A FZT1149ATA FZT1149A-15 |
PNP Low Sat Transistor PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated
|
ZTX1151A |
PNP Low Sat Transistor PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|
ZXT10P40DE6 ZXT10P40DE6TA ZXT10P40DE6TC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR PNP Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
BCW68 BCW68FR BCW68GR BCW68HR BCW68F BCW68G BCW68H |
PNP Low Sat Transistor PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|
NSS1C200LT1G |
100V 2A Low Vce(sat) PNP SOT-23 2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
ON Semiconductor
|
ZXT12P20DX ZXT12P20DXTA ZXT12P20DXTC |
Dual PNP Low Sat Transistor DUAL 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|