PART |
Description |
Maker |
X24F128 |
2-Wire SerialFlash with Block Lock Protection(2线接口,块锁定保串行快擦写存储器)
|
Xicor Inc.
|
1608640000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
102430 |
Terminal Block; Leaded Process Compatible:Yes; Mounting Type:Clipped; Wire Size (AWG):26-12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes MODULAR TERMINAL BLOCK
|
Weidmuller, Corp.
|
25.171.0253.0 25.163.7253.0 25.161.7153.0 25.160.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5mm; Wire Size (AWG):12-22; Mounting Type:PC Board 16 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
X24320 X24320P X24320P-1.8 X24320P-2.5 X24320PI X2 |
32K (4K x 8bit) 400KHz 2-wire serial E2PROM with block lock Series 940-F/947, 3000 mm [118.0 in] scan distance, Plastic M30, Prewired 2 m, switching output PNP, adjustment potentiometer 400kHz2线串行E2PROM的块 400KHz 2-Wire Serial E2PROM with Block Lock 400kHz2线串行E2PROM的块 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 400kHz2线串行E2PROM的块
|
XICOR[Xicor Inc.] Jauch Quartz GmbH
|
999342 |
Terminal Block; No. of Positions:16; Pitch Spacing:0.13"; Wire Size (AWG):24-12; Mounting Type:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
67600973 |
Terminal Block; No. of Positions:16; Pitch Spacing:0.2"; Wire Size (AWG):24-14; Mounting Type:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
X76F101SIG-3.0 X76F101PIG-3.0 X76F101MIG-3.0 X76F1 |
Secure SerialFlash
|
IC MICROSYSTEMS
|
X76F101 X76F101-3 |
SECURE SERIALFLASH
|
XICOR[Xicor Inc.]
|
39970-0112 39970-0106 39970-0307 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Terminal Block; No. of Positions:6; Pitch Spacing:0.4"; Wire Size (AWG):18-6; Mounting Type:PC Board; Body Material:Thermoplastic; Color:Black; Current Rating:60A; No. of Contacts:6 RoHS Compliant: Yes 60 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 10.16MM 7 ASY VERT 40 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
X76F641 X76F641XE-2.0 X76F641A X76F641A-2.0 X76F64 |
Secure SerialFlash(密码访问加密串行EEPROM)
|
http:// XICOR[Xicor Inc.]
|
X76F400 |
Secure SerialFlash(密码访问加密串行EEPROM)
|
Xicor Inc.
|